Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5460A Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS5460A
Description  Single Phase Bi-Directional Power/Energy IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460A Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS5460A Datasheet HTML 35Page - Cirrus Logic CS5460A Datasheet HTML 36Page - Cirrus Logic CS5460A Datasheet HTML 37Page - Cirrus Logic CS5460A Datasheet HTML 38Page - Cirrus Logic CS5460A Datasheet HTML 39Page - Cirrus Logic CS5460A Datasheet HTML 40Page - Cirrus Logic CS5460A Datasheet HTML 41Page - Cirrus Logic CS5460A Datasheet HTML 42Page - Cirrus Logic CS5460A Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
CS5460A
39
4.1 Commands (Write Only)
All command words are 1 byte in length. Commands that write to a register must be followed by 3 bytes of register
data. Commands that read from registers initiate the output of 3 bytes of register data. Commands that read data
can be ‘chained’ with other commands (e.g., while reading data, a new command can be sent to SDI which can ex-
ecute before the original read is completed). This allows for ‘chaining’ commands.
4.1.1 Start Conversions
This command indicates to the state machine to begin acquiring measurements and calculating results. The device
has two modes of acquisition.
Modes of acquisition/measurement
0 = Perform a single computation cycle
1 = Perform continuous computation cycles
4.1.2 SYNC0 Command
This command is the end of the serial port re-initialization sequence. It can also be used as a NOP command. The
serial port is resynchronized to byte boundaries by sending three or more consecutive SYNC1 commands followed
by a SYNC0 command.
4.1.3 SYNC1 Command
This command is part of the serial port re-initialization sequence. It can also serve as a NOP command.
4.1.4 Power-Up/Halt
If the device is powered-down into either
stand-by or sleep power saving mode (See 4.1.5), this command will pow-
er-up the device. After the CS5460A is initially powered-on, no conversions/computations will be running. If the de-
vice is already powered on and the device is running either ‘single computation cycle’ or ‘continuous computation
cycles’ data acquisition modes, all computations will be halted once this command is received.
B7
B6
B5
B4
B3
B2
B1
B0
1110
C
000
B7
B6
B5
B4
B3
B2
B1
B0
11111
110
B7
B6
B5
B4
B3
B2
B1
B0
11111
111
B7
B6
B5
B4
B3
B2
B1
B0
10100
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com