Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA6102 Datasheet(PDF) 68 Page - Dialog Semiconductor

Part # DA6102
Description  6-Channel High Efficiency PMIC for 2-Cell Systems
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA6102 Datasheet(HTML) 68 Page - Dialog Semiconductor

Back Button DA6102 Datasheet HTML 64Page - Dialog Semiconductor DA6102 Datasheet HTML 65Page - Dialog Semiconductor DA6102 Datasheet HTML 66Page - Dialog Semiconductor DA6102 Datasheet HTML 67Page - Dialog Semiconductor DA6102 Datasheet HTML 68Page - Dialog Semiconductor DA6102 Datasheet HTML 69Page - Dialog Semiconductor DA6102 Datasheet HTML 70Page - Dialog Semiconductor DA6102 Datasheet HTML 71Page - Dialog Semiconductor DA6102 Datasheet HTML 72Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
DA6102
6-Channel High Efficiency PMIC for 2-Cell Systems
Datasheet
Revision 2.1
28-Apr-2017
68 of 82
© 2017 Dialog Semiconductor
Register Table 27: Current Sense Time 1 (CS12 <0x1A>)
Bit
Mode
Symbol
Description
OTP-80
D[5:0]
R/W
TLAT1[5:0]
CS1 current limit delay time ( ms):
000000 0
000001 5.25
000010 10.5
000011 15.75
000100 21
000101 26.25
000110 31.5
000111 36.75
001000 42
001001 - 111010 5.25 ms per step
111011 309.75
111100 315
111101 320.25
111110 325.5
111111 330.75
000100
(21 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com