Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA6102 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA6102
Description  6-Channel High Efficiency PMIC for 2-Cell Systems
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA6102 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA6102 Datasheet HTML 9Page - Dialog Semiconductor DA6102 Datasheet HTML 10Page - Dialog Semiconductor DA6102 Datasheet HTML 11Page - Dialog Semiconductor DA6102 Datasheet HTML 12Page - Dialog Semiconductor DA6102 Datasheet HTML 13Page - Dialog Semiconductor DA6102 Datasheet HTML 14Page - Dialog Semiconductor DA6102 Datasheet HTML 15Page - Dialog Semiconductor DA6102 Datasheet HTML 16Page - Dialog Semiconductor DA6102 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
DA6102
6-Channel High Efficiency PMIC for 2-Cell Systems
Datasheet
Revision 2.1
28-Apr-2017
13 of 82
© 2017 Dialog Semiconductor
Parameter
Description
Conditions
Min
Typ
Max
Unit
TOFF_MIN_A1
Channel 1 buck minimum
off time
At LXD1 (LXU1 boost turn-
on threshold)
83
ns
TON_MIN_A1
Channel 1 buck minimum
on time
At LXD1
83
ns
RDS_ON_A1H
Channel 1 buck high side
on resistance
154
m

RDS_ON_A1L
Channel 1 buck low side
on resistance
183
m
RDS_ON_B1H
Channel 1 boost high side
on resistance
121
m
RDS_ON_B1L
Channel 1 boost low side
on resistance
147
m
RDISC1
Channel 1 output
discharge resistance
EN=low, NDISC1 (0x18)=0
70
100
130
Channel 2
VCH2
Channel 2 output voltage
range
Register programmable in
50 mV steps
3.00
4.55
V
VVO2
Channel 2 output voltage
accuracy
Default setting: 3.3 V
5.0 V < VIN1 < 11.5 V
-2.5
+2.5
%
V
VO2_LOAD
Channel 2 load regulation
Default setting: 0 A to 2.2 A
0.02
%/A
ILIM_2
Channel 2 current limit
threshold
Peak inductor current
3.6
5.0
A
TOFF_MIN_2
Channel 2 minimum off
time
At LX2
83
ns
TON_MIN_2
Channel 2 minimum on
time
At LX2
83
ns
RDS_ON_2H
Channel 2 high side on
resistance
107
m

RDS_ON_2L
Channel 2 low side on
resistance
123
m
RDISC2
Channel 2 output
discharge resistance
EN=low
NDISC2 (0x18)=0
70
100
130
Channel 3
VCH3
Channel 3 output voltage
range
Register programmable in
50 mV steps
3.00
3.75
V
VVO3
Channel 3 output voltage
accuracy
Default setting: 3.3 V
4.5 V < VIN1 < 11.5 V
-2.5
+2.5
%
V
VO3_LOAD
Channel 3 load regulation
Default setting: 0 A to 4 A
0.02
%/A
VILIM_3_0
Channel 3 current limit
threshold voltage
EXTFET (0x21) = 0
VIN3-LXS3
240
270
300
mV
VILIM_3_1
Channel 3 current limit
threshold voltage
EXTFET (0x21) = 1
VIN3-LXS3
120
135
150
mV
TOFF_MIN_3
Channel 3 minimum off
time
At GH3
83
ns
TON_MIN_3
Channel 3 minimum on
time
At GH3
83
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com