Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LX1G08 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74LX1G08
Description  LOW VOLTAGE CMOS SINGLE 2-INPUT AND GATE WITH 5V TOLERANT INPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G08 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74LX1G08 Datasheet HTML 2Page - STMicroelectronics 74LX1G08 Datasheet HTML 3Page - STMicroelectronics 74LX1G08 Datasheet HTML 4Page - STMicroelectronics 74LX1G08 Datasheet HTML 5Page - STMicroelectronics 74LX1G08 Datasheet HTML 6Page - STMicroelectronics 74LX1G08 Datasheet HTML 7Page - STMicroelectronics 74LX1G08 Datasheet HTML 8Page - STMicroelectronics 74LX1G08 Datasheet HTML 9Page - STMicroelectronics 74LX1G08 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
74LX1G08
6/10
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.90
1.45
35.4
57.1
A1
0.00
0.15
0.0
5.9
A2
0.90
1.30
35.4
51.2
b
0.35
0.50
13.7
19.7
C
0.09
0.20
3.5
7.8
D
2.80
3.00
110.2
118.1
E
2.60
3.00
102.3
118.1
E1
1.50
1.75
59.0
68.8
e0
.95
37.4
e1
1.9
74.8
L
0.35
0.55
13.7
21.6
SOT23-5L MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com