Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LX1G08 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74LX1G08
Description  LOW VOLTAGE CMOS SINGLE 2-INPUT AND GATE WITH 5V TOLERANT INPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G08 Datasheet(HTML) 3 Page - STMicroelectronics

  74LX1G08 Datasheet HTML 1Page - STMicroelectronics 74LX1G08 Datasheet HTML 2Page - STMicroelectronics 74LX1G08 Datasheet HTML 3Page - STMicroelectronics 74LX1G08 Datasheet HTML 4Page - STMicroelectronics 74LX1G08 Datasheet HTML 5Page - STMicroelectronics 74LX1G08 Datasheet HTML 6Page - STMicroelectronics 74LX1G08 Datasheet HTML 7Page - STMicroelectronics 74LX1G08 Datasheet HTML 8Page - STMicroelectronics 74LX1G08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
74LX1G08
3/10
RECOMMENDED OPERATING CONDITIONS
1) Truth Table guaranteed: 1.2V to 3.6V
2) VIN from 0.8V to 2V at VCC =3.0V
DC SPECIFICATIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (note 1)
1.65 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage (VCC = 0V)
0 to 5.5
V
VO
Output Voltage (High or Low State)
0 to VCC
V
IOH,IOL
High or Low Level Output Current (VCC = 4.5 to 5.5V)
± 32
mA
IOH,IOL
High or Low Level Output Current (VCC = 3.0 to 3.6V)
± 24
mA
IOH,IOL
High or Low Level Output Current (VCC = 2.7 to 3.0V)
± 12
mA
IOH,IOL
High or Low Level Output Current (VCC = 2.3 to 2.7V)
± 8mA
IOH,IOL
High or Low Level Output Current (VCC = 1.65 to 2.3V)
± 4mA
Top
Operating Temperqture
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 2)
0 to 10
ns/V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
1.65 to 1.95
0.75VCC
0.75VCC
V
2.3 to 2.7
0.7VCC
0.7VCC
3.0 to 5.5
0.7VCC
0.7VCC
VIL
Low Level Input
Voltage
1.65 to 1.95
0.25VCC
0.25VCC
V
2.3 to 2.7
0.3VCC
0.3VCC
3.0 to 5.5
0.3VCC
0.3VCC
VOH
High Level Output
Voltage
1.65 to 4.5
IO=-100 µAVCC-0.1
VCC-0.1
V
1.65
IO=-4 mA
1.2
1.2
2.3
IO=-8 mA
1.9
1.9
3.0
IO=-16 mA
2.4
2.4
IO=-24 mA
2.2
2.2
4.5
IO=-32 mA
3.8
3.8
VOL
Low Level Output
Voltage
1.65 to 4.5
IO=100 µA
0.1
0.1
V
1.65
IO=4 mA
0.45
0.45
2.3
IO=8 mA
0.3
0.3
3.0
IO=16 mA
0.4
0.4
IO=24 mA
0.55
0.55
4.5
IO=32 mA
0.55
0.55
II
Input Leakage
Current
1.65 to 5.5
VI = 0 to 5.5V
± 10
± 10
µA
Ioff
Power Off Leakage
Current
0
VI or VO = 5.5V
10
10
µA
ICC
Quiescent Supply
Current
1.65 to 5.5
VI =VCC or GND
10
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com