Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV821DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LPV821DBVR
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV821DBVR Datasheet(HTML) 4 Page - Texas Instruments

  LPV821DBVR Datasheet HTML 1Page - Texas Instruments LPV821DBVR Datasheet HTML 2Page - Texas Instruments LPV821DBVR Datasheet HTML 3Page - Texas Instruments LPV821DBVR Datasheet HTML 4Page - Texas Instruments LPV821DBVR Datasheet HTML 5Page - Texas Instruments LPV821DBVR Datasheet HTML 6Page - Texas Instruments LPV821DBVR Datasheet HTML 7Page - Texas Instruments LPV821DBVR Datasheet HTML 8Page - Texas Instruments LPV821DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LPV821
SNOSD36A – AUGUST 2017 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under . Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.3 V beyond the supply rails should
be current limited to 10 mA or less.
(3)
Not to exceed -0.3V or +4.0V on ANY pin, referred to V-
(4)
Short-circuit to ground, one amplifier per package.
7 Specifications
7.1 Absolute Maximum Ratings
See
(1)
MIN
MAX
UNIT
Voltage
Supply, VS = (V+) - (V–)
-0.3
4
V
Input/Output Pin Voltage(2) (3)
(V–) - 0.3
(V+) + 0.3
Differential Input Voltage +IN - (-IN)(2)
- 0.3
+ 0.3
Current
Signal input terminals(2)
–10
10
mA
Output short-circuit(4)
Continuous
Continuous
Junction temperature
150
°C
Operating ambient temperature
–40
125
Storage temperature, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply
voltage
VS = (V+) - (V–)
1.7
3.6
V
Specified
temperature
–40
125
°C
7.4 Thermal Information
THERMAL METRIC
LPV821
UNIT
DBV (SOT)
5 PINS
RθJA
Junction-to-ambient thermal resistance
218.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
101.3
°C/W
RθJB
Junction-to-board thermal resistance
52.9
°C/W
ψJT
Junction-to-top characterization parameter
18.9
°C/W
ψJB
Junction-to-board characterization parameter
52.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com