Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV821DBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LPV821DBVR
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV821DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button LPV821DBVR Datasheet HTML 9Page - Texas Instruments LPV821DBVR Datasheet HTML 10Page - Texas Instruments LPV821DBVR Datasheet HTML 11Page - Texas Instruments LPV821DBVR Datasheet HTML 12Page - Texas Instruments LPV821DBVR Datasheet HTML 13Page - Texas Instruments LPV821DBVR Datasheet HTML 14Page - Texas Instruments LPV821DBVR Datasheet HTML 15Page - Texas Instruments LPV821DBVR Datasheet HTML 16Page - Texas Instruments LPV821DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
VIN
+
VOUT
R1
Vcc
Current-limiting resistor
required if input voltage
exceeds supply rails by
• 0.3 V.
10 mA max
13
LPV821
www.ti.com
SNOSD36A – AUGUST 2017 – REVISED DECEMBER 2017
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 Input
The LPV821 input common-mode voltage range extends to the supply rails. Typically, the input bias current is
approximately 7 pA; however, input voltages that exceed the power supplies can cause excessive current to flow
into or out of the input pins. Momentary voltages greater than the power supply can be tolerated if the input
current is limited to 10 mA. This limitation is easily accomplished with adding a resistor in series with the input,
as shown in Figure 37.
Figure 37. Input Current Protection
8.3.3 Internal Offset Correction
The LPV821 operational amplifier combines an auto-calibration technique with a time-continuous 8-kHz
operational amplifier in the signal path. The amplifier's offset is zero-corrected every 1 ms using a proprietary
technique. This design has no aliasing or flicker (1/f) noise.
8.3.4 Input Offset Voltage Drift
The LPV821 operational amplifier's input voltage offset drift is defined over the entire temperature range of
–40°C to 125°C. The maximum input voltage drift allows designers to calculate the worst-case input offset
change over this temperature range. The maximum input voltage drift over temperature is defined using
Equation 1:
dVOS/dT = ΔVOS / ΔT
where
•
ΔVOS = Change in input offset voltage
•
ΔT = Change in temperature (125°C - (-40°C) = 165°C)
•
dVOS/dT = Input offset voltage drift
(1)
The LPV821 datasheet maximum value for input offset voltage drift is specified for a sample size with a Cpk
(process capability index) of 2.0.
8.4 Device Functional Modes
The LPV821 has a single functional mode. The device is powered on as long as the power supply voltage is
between 1.7 V (±0.85 V) and 3.6 V (±1.8 V).
8.4.1 EMI Performance and Input Filtering
Operational amplifiers vary in susceptibility to EMI. If conducted EMI enters the operational amplifier, the dc
offset at the amplifier output can shift from its nominal value when EMI is present. This shift is a result of signal
rectification associated with the internal semiconductor junctions. Although all operational amplifier pin functions
can be affected by EMI, the input pins are likely to be the most susceptible. The LPV821 operational amplifier
incorporates an internal input low-pass filter that reduces the amplifier response to EMI. Both common mode and
differential-mode filtering are provided by the input filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com