Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4007 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4007
Description  4A, High Efficiency, Standalone Li Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4007 Datasheet(HTML) 1 Page - Linear Technology

  LTC4007 Datasheet HTML 1Page - Linear Technology LTC4007 Datasheet HTML 2Page - Linear Technology LTC4007 Datasheet HTML 3Page - Linear Technology LTC4007 Datasheet HTML 4Page - Linear Technology LTC4007 Datasheet HTML 5Page - Linear Technology LTC4007 Datasheet HTML 6Page - Linear Technology LTC4007 Datasheet HTML 7Page - Linear Technology LTC4007 Datasheet HTML 8Page - Linear Technology LTC4007 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC4007
4007i
4A, High Efficiency,
Standalone Li Battery Charger
January 2003
s
Complete Charger Controller for 3- or 4-Cell
Lithium-Ion Batteries
s
High Conversion Efficiency: Up to 96%
s
Output Currents Exceeding 4A
s
±0.8% Charging Voltage Accuracy
s
Built-In Charge Termination for Li-Ion Batteries
s
AC Adapter Current Limiting Maximizes Charge Rate*
s
Thermistor Input for Temperature Qualified Charging
s
Wide Input Voltage Range: 6V to 28V
s
0.5V Dropout Voltage; Maximum Duty Cycle: 98%
s
Programmable Charge Current:
±5% Accuracy
s
Indicator Outputs for Charging, C/10 Current
Detection, AC Adapter Present, Low Battery, Input
Current Limiting and Faults
s
Charging Current Monitor Output
s
Available in a 24-Pin Narrow SSOP Package
s
Notebook Computers
s
Portable Instruments
s
Battery-Backup Systems
s
Standalone Li-Ion Chargers
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
DESCRIPTION
APPLICATIO S
Final Electrical Specifications
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIO
12.6V, 4A Li-Ion Battery Charger
The LTC
®4007 is a complete constant-current/constant-
voltage charger controller for 3- or 4-cell lithium-ion
batteries. The PWM controller uses a synchronous, quasi-
constant frequency, constant off-time architecture that
will not generate audible noise even when using ceramic
capacitors. Charging current is programmable to
±5%
accuracy using a programming resistor. Charging current
can also be monitored as a voltage across the program-
ming resistor.
The output float voltage is pin programmed for cell count
(3 cells or 4 cells) and chemistry (4.2V/4.1V). A timer,
programmed by an external resistor, sets the total charge
time. Charging is automatically restarted when cell voltage
falls below 3.9V/cell.
LTC4007 includes a thermistor input, which suspends
charging if an unsafe temperature condition is detected. If
the cell voltage is less than 2.5V, a low-battery indicator
asserts and can be used to program a trickle charge cur-
rent to safely charge depleted batteries. The FAULT pin is
also asserted and charging terminates if the low-battery
condition persists for more than 1/4 of the total charge time.
3C4C
CHEM
LOBAT
ICL
ACP
SHDN
FAULT
CHG
FLAG
NTC
RT
LOBAT
ICL
ACP
SHDN
FAULT
CHG
FLAG
DCIN
INFET
CLP
CLN
TGATE
BGATE
PGND
CSP
BAT
PROG
ITH
GND
LTC4007
32.4k
309k
0.47
µF
THERMISTOR
10k
NTC
TIMING RESISTOR
(~2 HOURS)
100k
100k
100k
VLOGIC
DCIN
0V TO 28V
0.1
µF
INPUT SWITCH
15nF
Q1
Q2
20
µF
10
µH
4.9k
3.01k
3.01k
0.025
Ω
0.025
Ω
20
µF
Li-Ion
BATTERY
CHARGING
CURRENT
MONITOR
Q1: Si4431DY
Q2: FDC6459
SYSTEM
LOAD
0.12
µF
6.04k
26.7k
0.0047
µF
4007 TA01
*U.S. Patent No. 5,723,970


Similar Part No. - LTC4007

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4007 LINER-LTC4007 Datasheet
371Kb / 48P
Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
LTC4007 LINER-LTC4007 Datasheet
332Kb / 24P
Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
4A, High Efficiency, Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
4A, High Efficiency, Li-Ion Battery Charger
LTC4007EGN LINER-LTC4007EGN Datasheet
273Kb / 24P
4A, High Efficiency, Standalone Li-Ion Battery Charger
More results

Similar Description - LTC4007

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
4A, High Efficiency, Standalone Li-Ion Battery Charger
logo
Linear Integrated Syste...
LTC4010 LINEAR-LTC4010 Datasheet
204Kb / 20P
High Efficiency Standalone Nickel Battery Charger
logo
Linear Technology
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
4A, High Efficiency, Li-Ion Battery Charger
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
4A, High Effi ciency, Standalone Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
4A, High Efficiency, Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
4A, High Efficiency, Standalone Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
Standalone Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com