Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4007 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4007
Description  4A, High Efficiency, Standalone Li Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4007 Datasheet(HTML) 4 Page - Linear Technology

  LTC4007 Datasheet HTML 1Page - Linear Technology LTC4007 Datasheet HTML 2Page - Linear Technology LTC4007 Datasheet HTML 3Page - Linear Technology LTC4007 Datasheet HTML 4Page - Linear Technology LTC4007 Datasheet HTML 5Page - Linear Technology LTC4007 Datasheet HTML 6Page - Linear Technology LTC4007 Datasheet HTML 7Page - Linear Technology LTC4007 Datasheet HTML 8Page - Linear Technology LTC4007 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC4007
4007i
The q denotes specifications which apply over the full operating
temperature range (Note 4), otherwise specifications are at TA = 25°C. VDCIN = 20V, VBAT = 12V unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: See Test Circuit.
Note 3: Does not include tolerance of current sense resistor or current
programming resistor.
Note 4: The LTC4007E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOL
Low Logic Level of ACP, CHG, FLAG, LOBAT,
IOL = 100µA
q
0.5
V
ICL, FAULT
VOH
High Logic Level of CHG, LOBAT, ICL
IOH = –1µA
q
2.7
V
IOFF
Off State Leakage Current of ACP, FLAG, FAULT
VOH = 3V
–1
1
µA
IPO
Pull-Up Current on CHG, LOBAT, ICL
V = 0V
–10
µA
Timer Defeat Threshold at CHG
1
V
Programming Inputs (CHEM and 3C4C)
VIH
High Logic Level
q
3.3
V
VIL
Low Logic Level
q
1V
IPI
Pull-Up Current
V = 0V
– 14
µA
Oscillator
fOSC
Regulator Switching Frequency
255
300
345
kHz
fMIN
Regulator Switching Frequency in Drop Out
Duty Cycle
≥ 98%
20
25
kHz
DCMAX
Regulator Maximum Duty Cycle
VCSP = VBAT
98
99
%
Gate Drivers (TGATE, BGATE)
VTGATE High (VCLN – VTGATE)ITGATE = –1mA
50
mV
VBGATE High
CLOAD = 3000pF
4.5
5.6
10
V
VTGATE Low (VCLN – VTGATE)CLOAD = 3000pF
4.5
5.6
10
V
VBGATE Low
IBGATE = 1mA
50
mV
TGATE Transition Time
TGTR
TGATE Rise Time
CLOAD = 3000pF, 10% to 90%
50
110
ns
TGTF
TGATE Fall Time
CLOAD = 3000pF, 10% to 90%
50
100
ns
BGATE Transition Time
BGTR
BGATE Rise Time
CLOAD = 3000pF, 10% to 90%
40
90
ns
BGTF
BGATE Fall Time
CLOAD = 3000pF, 10% to 90%
40
80
ns
VTGATE at Shutdown (VCLN – VTGATE)ITGATE = –1µA, DCIN = 0V, CLN = 12V
100
mV
VBGATE at Shutdown
IBGATE = 1µA, DCIN = 0V, CLN = 12V
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com