Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C Datasheet(PDF) 1 Page - Mini-Circuits

Part # EP2C
Description  Power Splitter/Combiner
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EP2C Datasheet(HTML) 1 Page - Mini-Circuits

  EP2C Datasheet HTML 1Page - Mini-Circuits EP2C Datasheet HTML 2Page - Mini-Circuits EP2C Datasheet HTML 3Page - Mini-Circuits EP2C Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PowerSplitter/Combiner
MMIC Surface Mount
Product Overview
Mini-Circuits EP2C+ is a MMIC splitter/combiner designed for wideband operation from 1800 to 12500 MHz. This
model provides excellent power ratings in a tiny device package (4x4x1 mm), with up to 1.85W power handling
(as a splitter) and up to 0.4A DC current handling. Manufactured using GaAs IPD technology, it provides a high
level of ESD protection and excellent reliability.
Feature
Advantages
Wideband, 1800 to 12500 MHz
One power splitter can be used in many applications, saving component count. Also ideal for
wideband applications such as military and instrumentation.
Excellent power handling
1.85W as a splitter
0.85W internal dissipation as a combiner
In power combiner applications, half the power is dissipated internally. EP2C+ is designed to
handle 0.85W internal dissipation as a combiner allowing reliable operation without excessive
temperature rise. Similar splitters implemented as Wilkinson splitters on PCB require big resis-
tors and additional heat sinking.
As a splitter, EP2C+ can handle up to 1.85W in a very small package.
DC Passing up to 0.4A
DC current passing is helpful in applications where both RF & DC need to pass through the
DUT, such as antenna mounted hardware.
Small size
4 x 4mm QFN package
Tiny footprint saves space in dense layouts while providing low inductance, repeatable transi-
tions, and excellent thermal contact to the PCB.
The Big Deal
• Ultra-Wide Bandwidth, 1800-12500 MHz
• Tiny Size, 4 x 4 x 1 mm
• High Power Handling, 1.85W as a Splitter
2 Way-0°
50Ω
1800 to 12500 MHz
Key Features
EP2C+
CASE STYLE: DG1847


Similar Part No. - EP2C

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
EP2C-D MINI-EP2C-D Datasheet
282Kb / 5P
Power Splitter/Combiner Die
EP2C-DG+ MINI-EP2C-DG+ Datasheet
282Kb / 5P
Power Splitter/Combiner Die
EP2C-DP+ MINI-EP2C-DP+ Datasheet
282Kb / 5P
Power Splitter/Combiner Die
logo
Altera Corporation
EP2C15 ALTERA-EP2C15 Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C15A ALTERA-EP2C15A Datasheet
2Mb / 182P
Package Information Datasheet for Mature Altera Devices
More results

Similar Description - EP2C

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com