Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C Datasheet(PDF) 2 Page - Mini-Circuits

Part # EP2C
Description  Power Splitter/Combiner
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EP2C Datasheet(HTML) 2 Page - Mini-Circuits

  EP2C Datasheet HTML 1Page - Mini-Circuits EP2C Datasheet HTML 2Page - Mini-Circuits EP2C Datasheet HTML 3Page - Mini-Circuits EP2C Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PowerSplitter/Combiner
MMIC Surface Mount
Features
• Wide bandwidth, 1800 to 12500 MHz
• Excellent amplitude unbalance, 0.2 dB typ.
• Good phase unbalance, 6 deg. typ.
• Small size, 4x4 mm
• High ESD level*
• Aqueous washable
• DC passing
REV. A
M151107
EP2C+
KN/RS/CP/AM
160115
Electrical Specifications at 25°C
Maximum Ratings
Parameter
Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-65°C to 150°C
Power Input (as a splitter)
1.85 W max.
Internal Dissipation
0.85 W max.
DC Current
0.4 A max
Pad Connections
Function
Pad Number
SUM PORT
3
PORT 1
19
PORT 2
12
NOT USED, GROUND EXTERNALLY
1, 2, 4-11, 13-18, 20-24,
Paddle
Permanent damage may occur if any of these limits are exceeded.
* ESD rating
Human body model (HBM): Class 2(1800 to <4000 V) in accordance with ANSI/ESD 5.1-2007
Machine model (MM): Class M3 (200 to <400 V) in accordance with ANSI/ESD 5.2-2009
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
1800
12500
MHz
Insertion Loss, above 3.0 dB
1800-3800
—
0.8
1.1
dB
3800-8500
—
1.1
1.4
8500-12500
—
1.8
2.1
Isolation
1800-3800
7.0
10.0
—
dB
3800-8500
13.0
16.0
—
8500-12500
14.0
17.0
—
Phase Unbalance
1800-3800
—
3.0
6.0
Degree
3800-8500
—
6.0
10.0
8500-12500
—
11.0
—
Amplitude Unbalance
1800-3800
—
0.1
0.2
dB
3800-8500
—
0.2
0.4
8500-12500
—
0.7
0.9
VSWR (Port S)
1800-3800
—
1.5
—
:1
3800-8500
—
1.3
—
8500-12500
—
1.4
—
VSWR (Port 1-2)
1800-3800
—
1.2
—
:1
3800-8500
—
1.3
—
8500-12500
—
1.6
—
Simplified Electrical Schematic
2 Way-0°
50Ω
1800 to 12500 MHz
Applications
• WIMAX
• ISM
• Instrumentation
• Radar
• WLAN
• Satellite communications
• LTE
EP2C+
CASE STYLE: DG1847



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com