Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2K Datasheet(PDF) 1 Page - Mini-Circuits

Part # EP2K
Description  Power Splitter/Combiner
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EP2K Datasheet(HTML) 1 Page - Mini-Circuits

  EP2K Datasheet HTML 1Page - Mini-Circuits EP2K Datasheet HTML 2Page - Mini-Circuits EP2K Datasheet HTML 3Page - Mini-Circuits EP2K Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Power Splitter/Combiner
MMIC Surface Mount
CASE STYLE: DG1847
Feature
Advantages
Wideband, 5 to 20 GHz
One power splitter can be used in many applications, saving component count. Also ideal
for wideband applications such as military and instrumentation.
Excellent power handling
2.5W as a splitter at 25°C
1.7W internal dissipation as a combiner at 25°C
In power combiner applications, half the power is dissipated internally. EP2K+ is
designed to handle 1.7W internal dissipation as a combiner allowing reliable operation
without excessive temperature rise. Similar splitters implemented as Wilkinson splitters
on PCB require big resistors and additional heat sinking. As a splitter, EP2K+ can handle
up to 2.5W in a very small package.
DC Passing up to 1.2A
DC current passing is helpful in applications where both RF & DC need to pass through
the DUT, such as antenna mounted hardware.
Small size
4 x 4mm QFN package
Tiny footprint saves space in dense layouts while providing low inductance, repeatable
transitions, and excellent thermal contact to the PCB.
Product Overview
Mini-Circuits EP2K+ is a MMIC splitter/combiner designed for wideband operation from 5 to 20 GHz. This model
provides excellent power ratings in a tiny device package (4x4x1 mm), with up to 2.5W power handling (as a split-
ter) and up to 1.2A DC current handling. Manufactured using GaAs IPD technology, it provides a high level of ESD
protection and excellent reliability.
The Big Deal
• Ultra-Wide Bandwidth, 5-20 GHz
• Tiny Size, 4 x 4 x 1 mm
• High Power Handling, 2.5W as a Splitter
Key Features
2 Way-0°
50Ω
5 to 20 GHz
EP2K+


Similar Part No. - EP2K

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
EP2K-D MINI-EP2K-D Datasheet
204Kb / 4P
Power Splitter/Combiner Die
EP2K-DF+ MINI-EP2K-DF+ Datasheet
204Kb / 4P
Power Splitter/Combiner Die
EP2K-DG+ MINI-EP2K-DG+ Datasheet
204Kb / 4P
Power Splitter/Combiner Die
EP2K-DP+ MINI-EP2K-DP+ Datasheet
204Kb / 4P
Power Splitter/Combiner Die
EP2K1 MINI-EP2K1 Datasheet
418Kb / 4P
Power Splitter/Combiner
More results

Similar Description - EP2K

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com