Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2K Datasheet(PDF) 2 Page - Mini-Circuits

Part # EP2K
Description  Power Splitter/Combiner
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EP2K Datasheet(HTML) 2 Page - Mini-Circuits

  EP2K Datasheet HTML 1Page - Mini-Circuits EP2K Datasheet HTML 2Page - Mini-Circuits EP2K Datasheet HTML 3Page - Mini-Circuits EP2K Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Power Splitter/Combiner
MMIC Surface Mount
Features
• Wide bandwidth, 5 to 20 GHz
• Excellent amplitude unbalance, 0.1 dB typ.
• Good phase unbalance, 2 to 5 deg. typ.
• Small size, 4x4 mm
• High ESD level*
• Aqueous washable
• DC passing
Applications
• WIMAX
• ISM
• Instrumentation
• Radar
• WLAN
• Satellite communications
• LTE
REV. A
M159154
EP2K+
RS/CP/AM
161220
Electrical Specifications1 at 25°C
Maximum Ratings
Parameter
Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-65°C to 150°C
Power Input (as a splitter)
2.5W max. at 25°C.
Derate linearly to 1.25W at 85°C
Internal Dissipation
1.7W max. at 25°C.
Derate linearly to 1.1W at 85°C
DC Current
1.2A max. at 25°C.
Derate linearly to 0.6A at 85°C
Pad Connections
Function
Pad Number
SUM PORT
3
PORT 1
14
PORT 2
17
NOT USED,
GROUND EXTERNALLY
1, 2, 4-13,15-16, 18-24, Paddle
Permanent damage may occur if any of these limits are exceeded.
* ESD rating
Human body model (HBM): Class 2(2000 to <4000 V) in accordance with ANSI/ESD 5.1-2001
Machine model (MM): Class M3 (200 to <400 V) in accordance with ANSI/ESD 5.2-1999
2 Way-0°
50Ω
5 to 20 GHz
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
5
20
GHz
Insertion Loss2 above 3.0 dB
5 - 10
—
1.1
1.6
dB
10 - 18
—
1.7
2.5
18 - 20
—
2.1
2.9
Isolation
5 - 10
13
22
—
dB
10 - 18
14
20
—
18 - 20
14
20
—
Phase Unbalance
5 - 10
—
2.3
6.0
Degree
10 - 18
—
3.7
8.0
18 - 20
—
4.2
9.0
Amplitude Unbalance
5 - 10
—
0.1
0.3
dB
10 - 18
—
0.1
0.5
18 - 20
—
0.1
0.5
VSWR (Port S)
5 - 10
—
1.4
—
:1
10 - 18
—
1.4
—
18 - 20
—
1.5
—
VSWR (Port 1-2)
5 - 10
—
1.3
—
:1
10 - 18
—
1.3
—
18 - 20
—
1.4
—
Simplified Electrical Schematic
1. Tested on Mini-Circuits Test Board TB-840+
2. Insertion Loss values are de-embedded from Test Board Loss; 0.5 dB at 5 GHz, 0.8 dB at 10 GHz, 1.3 dB at 18 GHz and 1.5 dB at 20 GHz
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
CASE STYLE: DG1847
EP2K+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com