Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5560 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5560
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5560 Datasheet HTML 12Page - Analog Devices AD5560 Datasheet HTML 13Page - Analog Devices AD5560 Datasheet HTML 14Page - Analog Devices AD5560 Datasheet HTML 15Page - Analog Devices AD5560 Datasheet HTML 16Page - Analog Devices AD5560 Datasheet HTML 17Page - Analog Devices AD5560 Datasheet HTML 18Page - Analog Devices AD5560 Datasheet HTML 19Page - Analog Devices AD5560 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
Data Sheet
AD5560
Rev. E | Page 15 of 66
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
AVDD to AVSS
34 V
AVDD to AGND
−0.3 V to +34 V
AVSS to AGND
−34 V to +0.3 V
HCAVDDx to HCAVSSx
34 V
HCAVDDx to AGND
−0.3 V to +34 V
HCAVSSx to AGND
−34 V to +0.3 V
HCAVDDx to AVSS
−0.3 V to AVSS + 34 V
HCAVDDx to AVDD
−0.3 V to AVDD + 0.3 V
HCAVSSx to AVSS
+0.3 V to AVSS − 0.3 V
DVCC to DGND
−0.3 V to +7 V
AGND to DGND
−0.3 V to +0.3 V
REFGND to AGND
−0.3 V to +0.3 V
Digital Inputs to DGND
−0.3 V to DVCC + 0.3 V
Analog Inputs to AGND
AVSS − 0.3 V to AVDD + 0.3 V
EXTFORCE1 and EXTFORCE2 to AGND1
AVDD − 28 V
Storage Temperature
−65°C to +125°C
Operating Junction Temperature
25°C to 90°C
Reflow Profile
J-STD 20 (JEDEC)
Junction Temperature
150°C max
Power Dissipation
10 W max (EXTFORCE1 stage)
5 W max (EXTFORCE2 stage)
ESD
HBM
1500 V
FICDM
500 V
1 When an EXTFORCE1 or EXTFORCE2 stage is enabled and the supply differ-
ential |AVDD − AVSS| > 28 V, take care to ensure that these pins are not directly
shorted to AVSS voltage at any time because this can cause damage to the device.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com