Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5560 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5560
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5560 Datasheet HTML 17Page - Analog Devices AD5560 Datasheet HTML 18Page - Analog Devices AD5560 Datasheet HTML 19Page - Analog Devices AD5560 Datasheet HTML 20Page - Analog Devices AD5560 Datasheet HTML 21Page - Analog Devices AD5560 Datasheet HTML 22Page - Analog Devices AD5560 Datasheet HTML 23Page - Analog Devices AD5560 Datasheet HTML 24Page - Analog Devices AD5560 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
AD5560
Data Sheet
Rev. E | Page 20 of 66
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
0
10,000
20,000
30,000
40,000
50,000
60,000
Figure 8. Force Voltage Linearity vs. Code, VREF = 5 V, No Load
CODE
10,000
0
20,000
2.0
1.5
0.5
0
–0.5
–1.0
1.0
–1.5
–2.0
30,000
40,000
50,000
60,000
TJ = 25°C
AVDD = 16.25V
AVSS = –16.25V
VREF = 5V
MEASOUT GAIN = 1
MEASOUT GAIN = 0.2
Figure 9. Measure Voltage Linearity vs. Code (MEASOUT Gain = 1,
MEASOUT Gain = 0.2, Nominal Supplies)
MEASOUT GAIN = 1
CODE
–2
–1
0
1
2
3
4
5
0
10,000
20,000
30,000
40,000
50,000
60,000
TJ = 25°C
AVDD = 28V
AVSS = –5V
VREF = 5V
OFFSET DAC = 0xD1D
MEASOUT GAIN = 0.2
Figure 10. Measure Voltage Linearity vs. Code (MEASOUT Gain = 1,
MEASOUT Gain = 0.2, Positive Skew Supply)
–4
–2
0
2
4
6
8
10
12
MEASOUT GAIN = 1
MEASOUT GAIN = 0.2
CODE
0
10,000
20,000
30,000
40,000
50,000
60,000
TJ = 25°C
AVDD = 8V
AVSS = –25V
VREF = 5V
OFFSET DAC = 0
xD4EB
Figure 11. Measure Voltage Linearity vs. Code (MEASOUT Gain 1,
MEASOUT Gain = 0.2, Negative Skew Supply)
CODE
0
10,000
20,000
30,000
40,000
50,000
60,000
70,000
LOW SUPPLIES
HIGH SUPPLIES
HIGH: AVDD = 28V, AVSS = –5V, OFFSET DAC = 0xD1D
LOW: AVDD = 5V, AVSS = –25V OFFSET DAC = 0xD4EB
NOM: AVDD/AVSS = ±16.25V, OFFSET DAC = 0x8000
VREF = 5V
NOMINAL SUPPLIES
–0.0100
0.0100
–0.0075
–0.0050
–0.0025
0.0025
0
0.0050
0.0075
Figure 12. Measure Current Linearity vs. Code (MEASOUT Gain = 1,
MI Gain = 20), TJ = 25°C
CODE
0
10,000
20,000
30,000
40,000
50,000
60,000
70,000
–0.010
–0.005
0.005
0
0.010
HIGH SUPPLIES
NOMINAL SUPPLIES
HIGH: AVDD = 28V, AVSS = –5V, OFFSET DAC = 0xD1D
LOW: AVDD = 5V, AVSS = –25V OFFSET DAC = 0xD4EB
NOM: AVDD/AVSS = ±16.25V, OFFSET DAC = 0x8000
VREF = 5V
LOW SUPPLIES
Figure 13. Measure Current Linearity vs. Code (MEASOUT Gain = 1,
MI Gain = 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com