Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7701ARS Datasheet(PDF) 5 Page - Analog Devices

Part # AD7701ARS
Description  LC2MOS 16-Bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7701ARS Datasheet(HTML) 5 Page - Analog Devices

  AD7701ARS Datasheet HTML 1Page - Analog Devices AD7701ARS Datasheet HTML 2Page - Analog Devices AD7701ARS Datasheet HTML 3Page - Analog Devices AD7701ARS Datasheet HTML 4Page - Analog Devices AD7701ARS Datasheet HTML 5Page - Analog Devices AD7701ARS Datasheet HTML 6Page - Analog Devices AD7701ARS Datasheet HTML 7Page - Analog Devices AD7701ARS Datasheet HTML 8Page - Analog Devices AD7701ARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
REV. E
–4–
AD7701
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
DVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
DVDD to AVDD . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
DVSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6 V
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
AVSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Digital Input Voltage to DGND . . . . –0.3 V to DVDD + 0.3 V
Analog Input
Voltage to AGND . . . . . . . . AVSS – 0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supplies
2 . . . . . . . .
±10 mA
Operating Temperature Range
Commercial Plastic (A, B Versions) . . . . . –40
°C to +85°C
Industrial CERDIP (A, B Versions) . . . . . . –40
°C to +85°C
Extended CERDIP (S, T Versions) . . . . . –55
°C to +125°C
Storage Temperature Range. . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . . 300
°C
Power Dissipation (Any Package) to 75
°C . . . . . . . . . 450 mW
Derates above 75
°C by . . . . . . . . . . . . . . . . . . . . . 10 mW/°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.
PDIP, CERDIP, SOIC
MODE
SC1
DGND
CLKOUT
CLKIN
AGND
DVSS
AVSS
AIN
VREF
SDATA
SCLK
SC2
CAL
AVDD
DVDD
DRDY
CS
BP/
UP
SLEEP
TOP VIEW
(Not to Scale)
AD7701
1
2
3
4
5
6
7
8
9
10
14
13
12
11
20
19
18
17
16
15
SSOP
MODE
SC1
DGND
CLKOUT
CLKIN
AGND
DVSS
AVSS
AIN
VREF
SDATA
SCLK
SC2
CAL
AVDD
DVDD
DRDY
CS
BP/
UP
SLEEP
TOP VIEW
(Not to Scale)
AD7701
1
2
3
4
5
6
7
8
9
10
14
13
12
11
20
19
18
17
16
15
21
22
23
24
25
26
27
28
NC
NC
NC
NC
NC
NC
NC
NC
NC = NO CONNECT
PIN CONFIGURATIONS
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD7701 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Linearity
Package
Model
Range
Error (% FSR)
Options
*
AD7701AN
–40
°C to +85°C
0.003
N-20
AD7701BN
–40
°C to +85°C
0.0015
N-20
AD7701AR
–40
°C to +85°C
0.003
R-20
AD7701BR
–40
°C to +85°C
0.0015
R-20
AD7701ARS
–40
°C to +85°C
0.003
RS-28
AD7701AQ
–40
°C to +85°C
0.003
Q-20
AD7701BQ
–40
°C to +85°C
0.0015
Q-20
AD7701SQ
–55
°C to +125°C
0.003
Q-20
AD7701TQ
–55
°C to +125°C
0.0015
Q-20
*N = PDIP; Q = CERDIP; R = SOIC; RS = SSOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com