Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD53509JSW Datasheet(PDF) 7 Page - Analog Devices

Part # AD53509JSW
Description  High Performance Driver/Comparator Active Load on a Single Chip
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53509JSW Datasheet(HTML) 7 Page - Analog Devices

Back Button AD53509JSW Datasheet HTML 3Page - Analog Devices AD53509JSW Datasheet HTML 4Page - Analog Devices AD53509JSW Datasheet HTML 5Page - Analog Devices AD53509JSW Datasheet HTML 6Page - Analog Devices AD53509JSW Datasheet HTML 7Page - Analog Devices AD53509JSW Datasheet HTML 8Page - Analog Devices AD53509JSW Datasheet HTML 9Page - Analog Devices AD53509JSW Datasheet HTML 10Page - Analog Devices AD53509JSW Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD53509
Rev. B | Page 7 of 12
TOTAL FUNCTION SPECIFICATIONS
All specifications are at TJ = 85°C ± 5°C, VCC = 11 V ± 3%, VEE = −6 V = ±3% unless otherwise noted. All temperature coefficients are
measured at TJ = 75°C to 95°C.
Table 4.
Parameter1
Min
Typ
Max
Unit
Test Conditions
OUTPUT CHARACTERISTICS
Output Leakage Current, VOUT = −1 V to +5 V
−250
+250
nA
Output Leakage Current, VOUT = −2 V to +7 V
−500
+500
μA
Output Capacitance
8
pF
Driver and load inhibited
POWER SUPPLIES
Total Supply Range
17
V
Positive Supply, VCC
11
V
Negative Supply, VEE
−6
V
Positive Supply Current
280
mA
Driver = INH, ILOAD program = 40 mA, load = active
Negative Supply Current
290
mA
Driver = INH, ILOAD program = 40 mA, load = active
VCCO Current
65
mA
VCCO = 3.3 V, comparator output 150 Ω to GND
Total Power Dissipation
4.8
W
Driver = INH, ILOAD program = 40 mA, load = active
Temperature Sensor Gain Factor
1
μA/K
RLOAD = 10 kΩ, VSOURCE = 11 V
1 Connecting or shorting the decoupling pins to ground results in the destruction of the device.
Table 5. Driver Truth Table
DATA
DATA
IOD
IOD
RLD
RLD
Output State
0
1
1
0
X
X
VL
1
0
1
0
X
X
VH
X
X
0
1
0
1
Inhibit
X
X
0
1
1
0
VT
Table 6. Comparator Truth Table
Output States
VOUT
LEH
LEH
LEL
LEL
QH
QH
QL
QL
>HCOMP
>LCOMP
1
0
1
0
1
0
1
0
>HCOMP
<LCOMP
1
0
1
0
1
0
0
1
<HCOMP
>LCOMP
1
0
1
0
0
1
1
0
<HCOMP
<LCOMP
1
0
1
0
0
1
0
1
X
X
0
1
0
1
QH (t − 1)
QH (t − 1)
QL (t − 1)
QL (t − 1)
Table 7. Active Load Truth Table
Output States (Including Diode Bridge)
OUT_L
INHL
INHL
IOH
IOL
I(OUT_L)
<VCOM
0
1
V(IOHC) × 10 mA
V(IOLC) × 10 mA
IOL
>VCOM
0
1
V(IOHC) × 10 mA
V(IOLC) × 10 mA
IOH
X
1
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com