Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD53509JSW Datasheet(PDF) 1 Page - Analog Devices

Part # AD53509JSW
Description  High Performance Driver/Comparator Active Load on a Single Chip
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53509JSW Datasheet(HTML) 1 Page - Analog Devices

  AD53509JSW Datasheet HTML 1Page - Analog Devices AD53509JSW Datasheet HTML 2Page - Analog Devices AD53509JSW Datasheet HTML 3Page - Analog Devices AD53509JSW Datasheet HTML 4Page - Analog Devices AD53509JSW Datasheet HTML 5Page - Analog Devices AD53509JSW Datasheet HTML 6Page - Analog Devices AD53509JSW Datasheet HTML 7Page - Analog Devices AD53509JSW Datasheet HTML 8Page - Analog Devices AD53509JSW Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
High Performance Driver/Comparator,
Active Load on a Single Chip
AD53509
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
250 MHz operation
Driver/comparator and active load included
On-chip Schottky diode bridge
52-lead LQFP_EP package
APPLICATIONS
Automatic test equipment (ATE)
Semiconductor test systems
Board test systems
Instrumentation and characterization equipment
GENERAL DESCRIPTION
The AD53509 is a single chip that performs the pin electronics
functions of driver, comparator, and active load in ATE VLSI
and memory testers. In addition, a Schottky diode bridge for
the active load and a VCOM buffer are included internally.
The driver is a proprietary design that features three active
states: data high mode, data low mode, and term mode as well
as an inhibit state. The output voltage range is −2 V to +7 V to
accommodate a wide variety of test devices. The output leakage
is typically <250 nA over the signal range.
The dual comparator, with an input range equal to the driver
output range, features built-in latches and ECL-compatible
outputs. The outputs are capable of driving 50 Ω signal lines
terminated to −2 V. Signal tracking capability is >5 V/ns.
The active load can be set up to 40 mA load current with less
than a 10 μA linearity error through the set range. IOH, IOL, and
the buffered VCOM are independently adjustable. On-board
Schottky diodes provide high speed switching and low
capacitance.
Also included on the chip is an on-board temperature sensor
whose purpose is to give an indication of the surface temperature
of the DCL. This information can be used to measure θJC and θJA
or flag an alarm if proper cooling is lost. Output from the sensor
is a current sink that is proportional to absolute temperature.
The gain is trimmed to a nominal value of 1.0 μA/K. For example,
the output current can be sensed by using a 10 kΩ resistor
connected from 10 V to the THERM pin. A voltage drop across
the resistor then develops that equals
10 K × 1 μA/K = 10 mV/K = 2.98 V (at room temperature)
FUNCTIONAL BLOCK DIAGRAM
DRIVER
COMPARATOR
46Ω
V/I
V/I
ACTIVE LOAD
1.0µA/K
VCC VCC VCC
34
VCC
VEE
VEE VEE VEE
51
52
39
40
41
32
AD53509
VHDCPL
VOUT
VLDCPL
39nF
CHDCPL
39nF
CLDCPL
PWRGND
VCCO
HQGND2
HQGND
VCOMS
THERM
NC
35
36
+1
31
50
49
42
43
38
37
45
47
VH
VT
DATA
DATA
IOD
IOD
RLD
RLD
VL
HCOMP
LEH
LEH
QH
QH
QL
QL
LEL
LEL
LCOMP
VCOMI
IOLC
IOLRTN
IOHRTN
INHL
INHL
IOHC
NC = NO CONNECT
OUT_L
14
NC
26
2
5
8
9 33 44 46 48
Figure 1.


Similar Part No. - AD53509JSW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53509JSQ AD-AD53509JSQ Datasheet
110Kb / 8P
High-Performance Driver/Comparator Active Load on a Single Chip
More results

Similar Description - AD53509JSW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53032 AD-AD53032 Datasheet
101Kb / 8P
High Performance Driver/Comparator Active Load on a Single Chip
AD53033 AD-AD53033 Datasheet
96Kb / 6P
High Performance Driver/Comparator on a Single Chip
AD53509 AD-AD53509 Datasheet
110Kb / 8P
High-Performance Driver/Comparator Active Load on a Single Chip
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
High Performance Dual Comparator
logo
Maxim Integrated Produc...
MAX9973 MAXIM-MAX9973 Datasheet
382Kb / 26P
Dual Driver/Comparator/Load with Internal DACs
Rev 0; 1/07
logo
Analog Devices
AD53032 AD-AD53032_15 Datasheet
110Kb / 8P
High Performance Driver/Comparator Active Load on a Single Chip
REV. 0
AD53033 AD-AD53033_15 Datasheet
99Kb / 6P
High Performance Driver/Comparator on a Single Chip
REV. 0
AD53509 AD-AD53509_15 Datasheet
352Kb / 12P
High Performance Driver/Comparator
REV. B
logo
STCmicro Technology Co,...
STC12C5A60S2 STC-STC12C5A60S2 Datasheet
1Mb / 439P
single-chip microcontroller based on a high performance 1T architecture 80C51 CPU
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
High Performance Comparator
Rev.1.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com