Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1181B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # ISP1181B
Description  Full-speed Universal Serial Bus peripheral controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1181B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button ISP1181B Datasheet HTML 9Page - NXP Semiconductors ISP1181B Datasheet HTML 10Page - NXP Semiconductors ISP1181B Datasheet HTML 11Page - NXP Semiconductors ISP1181B Datasheet HTML 12Page - NXP Semiconductors ISP1181B Datasheet HTML 13Page - NXP Semiconductors ISP1181B Datasheet HTML 14Page - NXP Semiconductors ISP1181B Datasheet HTML 15Page - NXP Semiconductors ISP1181B Datasheet HTML 16Page - NXP Semiconductors ISP1181B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
Philips Semiconductors
ISP1181B
Full-speed USB peripheral controller
Product data
Rev. 02 — 07 December 2004
13 of 70
9397 750 13958
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Each programmable FIFO can be configured independently via its ECR, but the total
physical size of all enabled endpoints (IN plus OUT) must not exceed 2462 bytes.
Table 6 shows an example of a configuration fitting in the maximum available space of
2462 bytes. The total number of logical bytes in the example is 1311. The physical
storage capacity used for double buffering is managed by the peripheral hardware
and is transparent to the user.
Table 5:
Programmable FIFO size
FFOSZ[3:0]
Non-isochronous
Isochronous
0000
8 bytes
16 bytes
0001
16 bytes
32 bytes
0010
32 bytes
48 bytes
0011
64 bytes
64 bytes
0100
reserved
96 bytes
0101
reserved
128 bytes
0110
reserved
160 bytes
0111
reserved
192 bytes
1000
reserved
256 bytes
1001
reserved
320 bytes
1010
reserved
384 bytes
1011
reserved
512 bytes
1100
reserved
640 bytes
1101
reserved
768 bytes
1110
reserved
896 bytes
1111
reserved
1023 bytes
Table 6:
Memory configuration example
Physical size
(bytes)
Logical size
(bytes)
Endpoint description
64
64
control IN (64 byte fixed)
64
64
control OUT (64 byte fixed)
2046
1023
double-buffered 1023-byte isochronous endpoint
16
16
16-byte interrupt OUT
16
16
16-byte interrupt IN
128
64
double-buffered 64-byte bulk OUT
128
64
double-buffered 64-byte bulk IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com