Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1181B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ISP1181B
Description  Full-speed Universal Serial Bus peripheral controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1181B Datasheet(HTML) 2 Page - NXP Semiconductors

  ISP1181B Datasheet HTML 1Page - NXP Semiconductors ISP1181B Datasheet HTML 2Page - NXP Semiconductors ISP1181B Datasheet HTML 3Page - NXP Semiconductors ISP1181B Datasheet HTML 4Page - NXP Semiconductors ISP1181B Datasheet HTML 5Page - NXP Semiconductors ISP1181B Datasheet HTML 6Page - NXP Semiconductors ISP1181B Datasheet HTML 7Page - NXP Semiconductors ISP1181B Datasheet HTML 8Page - NXP Semiconductors ISP1181B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
Philips Semiconductors
ISP1181B
Full-speed USB peripheral controller
Product data
Rev. 02 — 07 December 2004
2 of 70
9397 750 13958
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
s Clock output with programmable frequency (up to 48 MHz)
s Complies with the ACPI™, OnNow™ and USB power management requirements
s Internal power-on and low-voltage reset circuit, with possibility of a software reset
s Operation over the extended USB bus voltage range (4.0 V to 5.5 V) with 5 V
tolerant I/O pads
s Operating temperature range
−40 °Cto +85 °C
s Full-scan design with high fault coverage
s Available in TSSOP48 and HVQFN48 packages.
3.
Applications
s Personal Digital Assistant (PDA)
s Digital camera
s Communication device, for example:
x Router
x Modem
s Mass storage device, for example:
x Zip drive
s Printer
s Scanner.
4.
Ordering information
Table 1:
Ordering information
Type number
Package
Name
Description
Version
ISP1181BDGG
TSSOP48
Plastic thin shrink small outline package; 48 leads; body width 6.1 mm
SOT362-1
ISP1181BBS
HVQFN48
Plastic thermal enhanced very thin quad flat package; no leads;
48 terminals; body 7
× 7 × 0.85 mm
SOT619-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com