Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6551CMS Datasheet(PDF) 1 Page - Linear Technology

Part # LT6551CMS
Description  3.3V Triple and Quad Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6551CMS Datasheet(HTML) 1 Page - Linear Technology

  LT6551CMS Datasheet HTML 1Page - Linear Technology LT6551CMS Datasheet HTML 2Page - Linear Technology LT6551CMS Datasheet HTML 3Page - Linear Technology LT6551CMS Datasheet HTML 4Page - Linear Technology LT6551CMS Datasheet HTML 5Page - Linear Technology LT6551CMS Datasheet HTML 6Page - Linear Technology LT6551CMS Datasheet HTML 7Page - Linear Technology LT6551CMS Datasheet HTML 8Page - Linear Technology LT6551CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT6550/LT6551
1
65501f
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO
s
Automotive Displays
s
LCD and CRT Compatible
s
RGB Amplifiers
s
Coaxial Cable Drivers
s
Low Voltage High Speed Signal Processing
s
Set Top Boxes
s
Single Supply Operation from 3V to 12.6V
s
Small (3mm
× 5mm) MSOP 10-Lead Package
s
Internal Resistors for a Gain of Two
s
340V/
µs Slew Rate
s
110MHz –3dB Bandwidth
s
30MHz Flat to 0.25dB
s
3% Settling Time: 20ns
s
Input Common Mode Range Includes Ground
s
Rail-to-Rail Output
s
High Output Drive: 60mA
s
Operating Temperature Range: – 40
°C to 85°C
s
24-Bit RGB
3.3V Triple and Quad
Video Amplifiers
The LT
®6550/LT6551 are 3.3V triple and quad high speed
video amplifiers. These voltage feedback amplifiers drive
double terminated 50
Ω or 75Ω cables and are configured
for a fixed gain of 2, eliminating six or eight external gain
setting resistors. The LT6550/LT6551 feature 110MHz
–3dB bandwidth, high slew rates and fast settling, making
them ideal for RGB video processing.
The LT6551 quad is designed for single supply operation
and the LT6550 triple can be used on either single or split
supplies. On a single 3.3V supply, the input voltage range
extends from ground to 1.55V and the output swings to
within 400mV of the supply voltage while driving a 150
Ω
load. These features, combined with the ability to accept
RGB video signals without the need for AC coupling or
level shifting of the incoming signals, make the LT6550/
LT6551 an ideal choice for low voltage video applications.
Both the LT6550 and LT6551 are available in the small
10-Pin MSOP package and utilize a flow-thru pin out. The
small footprint results in a compact high performance
video amplifier solution.
, LTC and LT are registered trademarks of Linear Technology Corporation.
+
–
ROUT
3.3V
OA
450
Ω
450
Ω
75
Ω
+
–
GOUT
OA
450
Ω
450
Ω
75
Ω
+
–
BOUT
OA
450
Ω
450
Ω
75
Ω
+
–
SYNCOUT
RIN
GIN
BIN
SYNCIN
GND
OA
450
Ω
450
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
LT6551
6551 TA01a
VIN
VOUT
0V
0V
VS = 3.3V
VIN = 0.5V TO 1.25V
f = 10MHz
6550/51 TA01b
3.3V Single Supply LT6551 RGB Plus SYNC Cable Driver
Output Step Response


Similar Part No. - LT6551CMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6551 LINER-LT6551 Datasheet
356Kb / 16P
650MHz Gain of 2 Triple 2 1Video Multiplexer
LT6551 LINER-LT6551 Datasheet
309Kb / 16P
3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
3.3V Triple and Quad Video Amplifiers
More results

Similar Description - LT6551CMS

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
logo
Fairchild Semiconductor
FHP3350 FAIRCHILD-FHP3350 Datasheet
754Kb / 19P
Triple and Quad Voltage Feedback Amplifiers
FHP3350_0612 FAIRCHILD-FHP3350_0612 Datasheet
1Mb / 19P
Triple and Quad Voltage Feedback Amplifiers
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
Quad, single, triple and dual video amplifiers
logo
Cadeka Microcircuits LL...
CLC2600 CADEKA-CLC2600 Datasheet
2Mb / 15P
Dual, Triple, and Quad 300MHz Amplifiers
CLC2601 CADEKA-CLC2601 Datasheet
1Mb / 15P
Dual, Triple, and Quad 550MHz Amplifiers
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
3.3V Triple and Quad Video Amplifiers
logo
Exar Corporation
CLC2600 EXAR-CLC2600 Datasheet
1Mb / 15P
Dual, Triple, and Quad 300MHz Amplifiers
CLC2601 EXAR-CLC2601 Datasheet
1Mb / 15P
Dual, Triple, and Quad 550MHz Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com