Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6551CMS Datasheet(PDF) 3 Page - Linear Technology

Part # LT6551CMS
Description  3.3V Triple and Quad Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6551CMS Datasheet(HTML) 3 Page - Linear Technology

  LT6551CMS Datasheet HTML 1Page - Linear Technology LT6551CMS Datasheet HTML 2Page - Linear Technology LT6551CMS Datasheet HTML 3Page - Linear Technology LT6551CMS Datasheet HTML 4Page - Linear Technology LT6551CMS Datasheet HTML 5Page - Linear Technology LT6551CMS Datasheet HTML 6Page - Linear Technology LT6551CMS Datasheet HTML 7Page - Linear Technology LT6551CMS Datasheet HTML 8Page - Linear Technology LT6551CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT6550/LT6551
3
65501f
The q denotes the specifications which apply over the specified
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, VGND = 0V; VIN = 0.75V LT6550 (Pins 1,2,3);
LT6551 (Pins 1,2,3,4). VEE = 0V LT6550 (Pin 5), unless otherwise noted.
3.3V ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the specified
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VGND = 0V; VIN = 1.25V LT6550 (Pins 1,2,3);
LT6551 (Pins 1,2,3,4). VEE = 0V LT6550 (Pin 5), unless otherwise noted.
5V ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSRR
VCC = 3V to 10V, VIN = 0.5V
q
40
48
dB
Minimum Supply Voltage (Note 6)
q
3V
Output Short-Circuit Current
VIN = 1V, VOUT = 0V
35
50
mA
q
25
mA
Supply Current per Amplifier (Note 7)
8.5
10
mA
q
11
mA
Slew Rate (Note 8)
RL = 150Ω, VOUT = 0.5V to 2.5V
140
250
V/
µs
Measured from 1V to 2V
q
115
V/
µs
Small Signal –3dB Bandwidth
RL = 150Ω
90
MHz
Gain Flatness
Less than 0.25dB
30
MHz
Gain Matching
Any One Channel to Any Other Channel
0.15
dB
Settling Time to 3%
RL = 150Ω, VOUT = 1V to 2.5V
20
ns
Settling Time to 1%
RL = 150Ω, VOUT = 1V to 2.5V
30
ns
% Overshoot
VOUT = 1V to 2.5V, RL = 150Ω
5%
Differential Gain
RL = 150Ω, Black Level = 0.6V at Device Output
0.09
%
Differential Phase
RL = 150Ω, Black Level = 0.6V at Device Output
0.09
Deg
Channel Separation
Measured at 10MHz
60
dB
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Accuracy
No Load, VOUT Ideal = 2.5V
q
30
70
mV
Output Voltage Matching
Between Any Two Outputs
q
40
90
mV
Input Current
q
15
65
µA
Input Impedance,
∆VIN/∆IIN
VIN = 0V to 2V
q
100
300
k
Ω
Input Noise Voltage Density
f = 100kHz (Note 10)
12
nV/
√Hz
Input Noise Current Density
f = 100kHz (Note 10)
8
pA/
√Hz
Voltage Gain (Note 5)
0.25V
≤ VIN ≤ 1.75V
No Load
q
1.9
2.1
V/V
RL = 150Ω
q
1.9
2.1
V/V
RL = 75Ω, 0.25V ≤ VIN ≤ 1.25V, 0°C ≤ TA ≤ 70°C (Only)
q
1.85
2.15
V/V
Output Voltage Swing Low
VIN = – 0.1V
No Load
q
10
30
mV
ISINK = 5mA
q
60
150
mV
ISINK = 10mA
q
90
200
mV
Output Voltage Swing High
VIN = 2.6V
No Load
q
4.6
4.8
V
RL = 150Ω
q
3.5
4.1
V
RL = 75Ω, 0°C ≤ TA ≤ 70°C (Only)
q
2.5
3.2
V
PSRR
VCC = 3V to 10V, VIN = 0.5V
q
40
48
dB
Minimum Supply Voltage (Note 6)
q
3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com