Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78L08ABZ Datasheet(PDF) 7 Page - STMicroelectronics

Part # L78L08ABZ
Description  POSITIVE VOLTAGE REGULATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L08ABZ Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L78L08ABZ Datasheet HTML 3Page - STMicroelectronics L78L08ABZ Datasheet HTML 4Page - STMicroelectronics L78L08ABZ Datasheet HTML 5Page - STMicroelectronics L78L08ABZ Datasheet HTML 6Page - STMicroelectronics L78L08ABZ Datasheet HTML 7Page - STMicroelectronics L78L08ABZ Datasheet HTML 8Page - STMicroelectronics L78L08ABZ Datasheet HTML 9Page - STMicroelectronics L78L08ABZ Datasheet HTML 10Page - STMicroelectronics L78L08ABZ Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
L78L00 SERIES
7/24
ELECTRICAL CHARACTERISTICS OF L78L12C (refer to the test circuits, TJ = 0 to 125°C, VI =19V,
IO =40 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified).
ELECTRICAL CHARACTERISTICS OF L78L15C (refer to the test circuits, TJ = 0 to 125°C, VI =23V,
IO =40 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified).
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
11.1
12
12.9
V
VO
Output Voltage
IO = 1 to 40 mA
VI =14.5 to 27 V
10.8
13.2
V
IO = 1 to 70 mA
VI = 19 V
10.8
13.2
∆V
O
Line Regulation
VI = 14.5 to 27 V
TJ = 25°C
250
mV
VI =16 to27 V
TJ = 25°C
200
∆V
O
Load Regulation
IO = 1 to 100 mA
TJ = 25°C
100
mV
IO =1to 40mA
TJ = 25°C
50
Id
Quiescent Current
TJ = 25°C
6.5
mA
TJ = 125°C
6
mA
∆I
d
Quiescent Current Change
IO =1to 40mA
0.2
mA
VI =16 to27 V
1.5
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
80
µV
SVR
Supply Voltage Rejection
VI = 15 to 25 V
f = 120Hz
IO =40 mA
TJ = 25°C
36
42
dB
Vd
Dropout Voltage
1.7
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
13.8
15
16.2
V
VO
Output Voltage
IO = 1 to 40 mA
VI =17.5 to 30 V
13.5
16.5
V
IO = 1 to 70 mA
VI = 23 V
13.5
16.5
∆V
O
Line Regulation
VI = 17.5 to 30 V
TJ = 25°C
300
mV
VI =20 to30 V
TJ = 25°C
250
∆V
O
Load Regulation
IO = 1 to 100 mA
TJ = 25°C
150
mV
IO =1to 40mA
TJ = 25°C
75
Id
Quiescent Current
TJ = 25°C
6.5
mA
TJ = 125°C
6
mA
∆I
d
Quiescent Current Change
IO =1to 40mA
0.2
mA
VI =20 to30 V
1.5
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
90
µV
SVR
Supply Voltage Rejection
VI = 18.5 to 28.5 V f = 120Hz
IO =40 mA
TJ = 25°C
33
39
dB
Vd
Dropout Voltage
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com