Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78L08ABZ Datasheet(PDF) 12 Page - STMicroelectronics

Part # L78L08ABZ
Description  POSITIVE VOLTAGE REGULATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L08ABZ Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L78L08ABZ Datasheet HTML 8Page - STMicroelectronics L78L08ABZ Datasheet HTML 9Page - STMicroelectronics L78L08ABZ Datasheet HTML 10Page - STMicroelectronics L78L08ABZ Datasheet HTML 11Page - STMicroelectronics L78L08ABZ Datasheet HTML 12Page - STMicroelectronics L78L08ABZ Datasheet HTML 13Page - STMicroelectronics L78L08ABZ Datasheet HTML 14Page - STMicroelectronics L78L08ABZ Datasheet HTML 15Page - STMicroelectronics L78L08ABZ Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
L78L00 SERIES
12/24
ELECTRICAL CHARACTERISTICS OF L78L10AB AND L78L10AC
(refer to the test circuits, VI = 16V, IO =40mA, CI =0.33 µF, CO =0.1 µF,
TJ = 0 to 125°C for L78L10AC, TJ = -40 to 125°C for L78L10AB, unless otherwise specified)
ELECTRICAL CHARACTERISTICS OF L78L12AB AND L78L12AC
(refer to the test circuits, VI = 19V, IO =40mA, CI =0.33 µF, CO =0.1 µF,
TJ = 0 to 125°C for L78L12AC, TJ = -40 to 125°C for L78L12AB, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
9.6
10
10.4
V
VO
Output Voltage
IO = 1 to 40 mA
VI =12.5 to 23 V
9.5
10.5
V
IO = 1 to 70 mA
VI = 16 V
9.5
10.5
∆V
O
Line Regulation
VI = 12.5 to 23 V
TJ = 25°C
230
mV
VI =13 to23 V
TJ = 25°C
170
∆V
O
Load Regulation
IO = 1 to 100 mA
TJ = 25°C
80
mV
IO =1to 40mA
TJ = 25°C
40
Id
Quiescent Current
TJ = 25°C
6
mA
TJ = 125°C
5.5
mA
∆I
d
Quiescent Current Change
IO =1to 40mA
0.1
mA
VI =13 to23 V
1.5
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
60
µV
SVR
Supply Voltage Rejection
VI = 14 to 23 V
f = 120Hz
IO =40 mA
TJ = 25°C
37
45
dB
Vd
Dropout Voltage
1.7
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
11.5
12
12.5
V
VO
Output Voltage
IO = 1 to 40 mA
VI = 14.5 to 27 V
11.4
12.6
V
IO = 1 to 70 mA
VI = 19 V
11.4
12.6
∆V
O
Line Regulation
VI = 14.5 to 27 V
TJ = 25°C
250
mV
VI =16 to27 V
TJ = 25°C
200
∆V
O
Load Regulation
IO = 1 to 100 mA
TJ = 25°C
100
mV
IO =1to 40mA
TJ = 25°C
50
Id
Quiescent Current
TJ = 25°C
6.5
mA
TJ = 125°C
6
mA
∆I
d
Quiescent Current Change
IO =1to 40mA
0.1
mA
VI =16 to27 V
1.5
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
80
µV
SVR
Supply Voltage Rejection
VI = 15 to 25 V
f = 120Hz
IO =40 mA
TJ = 25°C
37
42
dB
Vd
Dropout Voltage
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com