Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV705185YFPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV705185YFPR
Description  200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV705185YFPR Datasheet(HTML) 1 Page - Texas Instruments

  TLV705185YFPR Datasheet HTML 1Page - Texas Instruments TLV705185YFPR Datasheet HTML 2Page - Texas Instruments TLV705185YFPR Datasheet HTML 3Page - Texas Instruments TLV705185YFPR Datasheet HTML 4Page - Texas Instruments TLV705185YFPR Datasheet HTML 5Page - Texas Instruments TLV705185YFPR Datasheet HTML 6Page - Texas Instruments TLV705185YFPR Datasheet HTML 7Page - Texas Instruments TLV705185YFPR Datasheet HTML 8Page - Texas Instruments TLV705185YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TLV705
GND
EN
V
IN
V
OUT
Input
Output
On
Off
C
IN
C
OUT
1 mF
Ceramic
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV705, TLV705P
SBVS151F – DECEMBER 2010 – REVISED APRIL 2017
TLV705 200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small,
0.77-mm × 0.77-mm DSBGA and PicoStar™
1
1 Features
1
•
Very Low Dropout:
–
105 mV at IOUT = 150 mA
–
145 mV at IOUT = 200 mA
•
Accuracy: 0.5% Typical
•
Low IQ: 35 μA
•
Available in Fixed-Output Voltages From
0.7 V to 4.8 V
•
VIN Range: 2 V to 5.5 V
•
High PSRR: 70 dB at 1 kHz
•
Stable With Effective Capacitance of 0.1 μF
•
Thermal Shutdown and Overcurrent Protection
•
Available in an Ultra-Low Profile (0.15-mm
Maximum Height) PicoStar Package Option
2 Applications
•
Wireless Handsets
•
Smart Phones
•
Zigbee® Networks
•
Bluetooth® Devices
•
Other Li-Ion Operated Handheld Products
•
WLAN and Other PC Add-On Cards
3 Description
The TLV705 series of low-dropout (LDO) linear
regulators are low quiescent current devices with
excellent line and load transient performance. These
devices
are
designed
for
power-sensitive
applications, with a precision band gap. An error
amplifier provides typical accuracy of 0.5%. Low
output noise, very high power-supply rejection ratio
(PSRR), and low dropout voltage make this series of
LDOs ideal for a wide selection of battery-operated
handheld equipment. All devices have a thermal
shutdown and current limit for safety.
Furthermore, the TLV705 series is stable with an
effective output capacitance of only 0.1 μF. This
feature enables the use of cost-effective capacitors
that have higher bias voltage and temperature
derating. The devices regulate to the specified
accuracy with zero output load. The TLV705P series
also provides an active pulldown circuit to quickly
discharge output.
The TLV705 and TLV705P series are both available
in
0.77-mm
×
0.77-mm
DSBGA
and
PicoStar
packages with three height options that are optimal
for handheld applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV705
DSGBA (4)
0.77 mm × 0.77 mm
PicoStar (4)
0.77 mm × 0.77 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit (Fixed-Voltage Versions)


Similar Part No. - TLV705185YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV705185YFPR TI1-TLV705185YFPR Datasheet
841Kb / 26P
200-mA, Low IQ, Low-Noise, Low-Dropout Regulator
TLV705185YFPR TI1-TLV705185YFPR Datasheet
826Kb / 26P
200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small 0.8-mm x 0.8-mm WCSP
TLV705185YFPR TI1-TLV705185YFPR Datasheet
1Mb / 33P
Thermal Shutdown and Overcurrent Protection
More results

Similar Description - TLV705185YFPR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LD6806 PHILIPS-LD6806 Datasheet
2Mb / 36P
Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
logo
Texas Instruments
TLV705 TI1-TLV705 Datasheet
841Kb / 26P
200-mA, Low IQ, Low-Noise, Low-Dropout Regulator
TLV70518 TI1-TLV70518 Datasheet
826Kb / 26P
200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small 0.8-mm x 0.8-mm WCSP
TLV70712P TI1-TLV70712P Datasheet
1Mb / 29P
200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV705 TI1-TLV705_14 Datasheet
966Kb / 24P
200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small 0.8-mm x 0.8-mm WCSP
logo
ON Semiconductor
NCP752 ONSEMI-NCP752 Datasheet
1Mb / 21P
200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
April, 2013 ??Rev. 2
NCV8752 ONSEMI-NCV8752 Datasheet
1Mb / 21P
200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
April, 2013 ??Rev. 0
logo
Texas Instruments
TLV705 TI-TLV705_15 Datasheet
1Mb / 32P
TLV705x 200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.8-mm 횞 0.8-mm DSBGA and PicoStar?
TLV707 TI1-TLV707_17 Datasheet
1Mb / 41P
200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com