Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70518YFPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70518YFPR
Description  200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70518YFPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV70518YFPR Datasheet HTML 15Page - Texas Instruments TLV70518YFPR Datasheet HTML 16Page - Texas Instruments TLV70518YFPR Datasheet HTML 17Page - Texas Instruments TLV70518YFPR Datasheet HTML 18Page - Texas Instruments TLV70518YFPR Datasheet HTML 19Page - Texas Instruments TLV70518YFPR Datasheet HTML 20Page - Texas Instruments TLV70518YFPR Datasheet HTML 21Page - Texas Instruments TLV70518YFPR Datasheet HTML 22Page - Texas Instruments TLV70518YFPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
19
TLV705, TLV705P
www.ti.com
SBVS151F – DECEMBER 2010 – REVISED APRIL 2017
Product Folder Links: TLV705 TLV705P
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
11 Device and Documentation Support
11.1 Device Support
11.1.1 Development Support
11.1.1.1 Evaluation Modules
An evaluation module (EVM) is available to assist in the initial circuit performance evaluation using the TLV705.
The TLV70533EVM-596 evaluation module (and related user's guide) can be requested at the TI website through
the product folders or purchased directly from the TI eStore.
11.1.1.2 Spice Models
Computer simulation of circuit performance using SPICE is often useful when analyzing the performance of
analog circuits and systems. A SPICE model for the TLV705 is available through the product folders under Tools
& Software.
11.1.2 Device Nomenclature
Table 3. Available Options(1)
PRODUCT
VOUT
TLV705xx(x)Pyyyz
xx(x) is the nominal output voltage. For output voltages with a resolution of 100 mV, two digits
are used in the ordering number; otherwise, three digits are used (for example, 28 = 2.8 V; 475
= 4.75 V).
P is optional; devices with P have an LDO regulator with an active output discharge.
yyy is package designator.
z is the package quantity. R is for reel (3000 pieces), T is for tape (250 pieces).
11.2 Documentation Support
11.2.1 Related Documentation
•
TLV70533EVM-596 Evaluation Module User's Guide (SLVU439)
11.3 Related Links
The table below lists quick access links. Categories include technical documents, support and community
resources, tools and software, and quick access to sample or buy.
Table 4. Related Links
PARTS
PRODUCT FOLDER
ORDER NOW
TECHNICAL
DOCUMENTS
TOOLS &
SOFTWARE
SUPPORT &
COMMUNITY
TLV705
Click here
Click here
Click here
Click here
Click here
TLV705P
Click here
Click here
Click here
Click here
Click here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com