Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C0752 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C0752
Description  1.85mm Male to 1.85mm Male Cable Using PE-P086 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0752 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C0752 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0752 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0752 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0752 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Cable Assembly
Diameter
0.375 in [9.53 mm]
.
Weight
0.034 lbs [15.42 g]
Cable
Cable Type
PE-P086
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
2
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Silver Plated Copper Braid
Jacket Material
FEP, Blue
Jacket Diameter
0.1 in [2.54 mm]
.
One Time Minimum Bend Radius
0.4 in [10.16 mm]
Repeated Minimum Bend Radius
1.57 in [39.88 mm]
Connectors
Description
Connector 1
Connector 2
Type
1.85mm Male
1.85mm Male
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Dielectric Type
Noryl
Noryl
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Coupling Nut Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Hex Size
5/16 Inch
5/16 Inch
Torque
8 in-lbs [0.9 Nm]
8 in-lbs [0.9 Nm]
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-55 to +200 deg C
PE3C0752 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.85mm Male to 1.85mm Male Cable Using PE-P086 Coax PE3C0752
RF Cable Assemblies Technical Data Sheet
PE3C0752
1.85mm Male to 1.85mm Male Cable Using PE-P086 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com