Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C0752 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0752
Description  1.85mm Male to 1.85mm Male Cable Using PE-P086 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0752 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0752 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0752 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0752 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0752 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: 1.85mm Male
• Connector 2: 1.85mm Male
• Cable Type: PE-P086
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
50
GHz
VSWR
1.4:1
Velocity of Propagation
69.5
%
RF Shielding
110
dB
Capacitance
29.4 [96.46]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
3
5
10
18
GHz
dB/m
Insertion Loss (Typ.)
0.237
0.439
0.582
0.864
1.138
dB/ft
0.78
1.44
1.91
2.83
3.73
dB/m
VSWR (Max.)
1.3:1
1.3:1
1.3:1
1.4:1
1.4:1
.
Electrical Specification Notes:
Insertion Loss does not include the loss of the connectors, insertion loss is estimated as .1dB per connector
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.85mm Male to 1.85mm Male Cable Using PE-P086 Coax PE3C0752
PE3C0752 REV 1.1
1.85mm Male to 1.85mm Male Cable Using PE-P086 Coax
RF Cable Assemblies Technical Data Sheet
PE3C0752


Similar Part No. - PE3C0752

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0752-100CM PASTERNACK-PE3C0752-100CM Datasheet
456Kb / 4P
1.85mm Male to 1.85mm Male Cable 100 cm Length Using PE-P086 Coax
PE3C0752-12 PASTERNACK-PE3C0752-12 Datasheet
456Kb / 4P
1.85mm Male to 1.85mm Male Cable 12 Inch Length Using PE-P086 Coax
PE3C0752-150CM PASTERNACK-PE3C0752-150CM Datasheet
456Kb / 4P
1.85mm Male to 1.85mm Male Cable 150 cm Length Using PE-P086 Coax
PE3C0752-200CM PASTERNACK-PE3C0752-200CM Datasheet
456Kb / 4P
1.85mm Male to 1.85mm Male Cable 200 cm Length Using PE-P086 Coax
PE3C0752-24 PASTERNACK-PE3C0752-24 Datasheet
456Kb / 4P
1.85mm Male to 1.85mm Male Cable 24 Inch Length Using PE-P086 Coax
More results

Similar Description - PE3C0752

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0751 PASTERNACK-PE3C0751 Datasheet
446Kb / 4P
2.4mm Male to 1.85mm Male Cable Using PE-P086 Coax, RoHS
PE3C0752-12 PASTERNACK-PE3C0752-12 Datasheet
456Kb / 4P
1.85mm Male to 1.85mm Male Cable 12 Inch Length Using PE-P086 Coax
PE3C0752-24 PASTERNACK-PE3C0752-24 Datasheet
456Kb / 4P
1.85mm Male to 1.85mm Male Cable 24 Inch Length Using PE-P086 Coax
PE3C0752-36 PASTERNACK-PE3C0752-36 Datasheet
457Kb / 4P
1.85mm Male to 1.85mm Male Cable 36 Inch Length Using PE-P086 Coax
PE3C0752-48 PASTERNACK-PE3C0752-48 Datasheet
457Kb / 4P
1.85mm Male to 1.85mm Male Cable 48 InchLength Using PE-P086 Coax
PE3C0752-50CM PASTERNACK-PE3C0752-50CM Datasheet
456Kb / 4P
1.85mm Male to 1.85mm Male Cable 50 cmLength Using PE-P086 Coax
PE3C0752-60 PASTERNACK-PE3C0752-60 Datasheet
457Kb / 4P
1.85mm Male to 1.85mm Male Cable 60 Inch Length Using PE-P086 Coax
PE3C0752-100CM PASTERNACK-PE3C0752-100CM Datasheet
456Kb / 4P
1.85mm Male to 1.85mm Male Cable 100 cm Length Using PE-P086 Coax
PE3C0752-150CM PASTERNACK-PE3C0752-150CM Datasheet
456Kb / 4P
1.85mm Male to 1.85mm Male Cable 150 cm Length Using PE-P086 Coax
PE3C0752-200CM PASTERNACK-PE3C0752-200CM Datasheet
456Kb / 4P
1.85mm Male to 1.85mm Male Cable 200 cm Length Using PE-P086 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com