Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX28331 Datasheet(PDF) 40 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 40 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 36Page - Synaptics Incorporated. CX28331 Datasheet HTML 37Page - Synaptics Incorporated. CX28331 Datasheet HTML 38Page - Synaptics Incorporated. CX28331 Datasheet HTML 39Page - Synaptics Incorporated. CX28331 Datasheet HTML 40Page - Synaptics Incorporated. CX28331 Datasheet HTML 41Page - Synaptics Incorporated. CX28331 Datasheet HTML 42Page - Synaptics Incorporated. CX28331 Datasheet HTML 43Page - Synaptics Incorporated. CX28331 Datasheet HTML 44Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
2.0 Functional Description
CX28331/CX28332/CX28333
2.2 Transmitter
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
2-8
Conexant
100985A
2.2.4 Alarm Indication Signal (AIS) Generator
When TAIS is asserted, an AIS replaces the transmit data at TPOS and TNEG.
The E3 type of AIS signal (all 1s) is supported. In three-level signal form, this is a
continuously alternating positive and negative pulse stream, as if the transmit data
were a continuous string of logical 1s. Figure 2-7 illustrates the AIS signal.
The TAIS pin has the same data latency as the TX data pins and can be used to
replace single symbols within a data stream. When the encoder is disabled
(ENDECDIS = 1), the TAIS mode maintains the proper phase, based upon the
polarity of the last 1 received.
The AIS signal follows the same path as the TX data during remote or local
loopback.
2.2.5 Transmit Monitor Block (CX2833i-3x Only)
The transmit monitor inputs (TMONP and TMONM) are designed to monitor the
line driver outputs (TLINEP and TLINEM/N) for pulses and to assert a Loss Of
Signal (TLOS) indicator when no output pulse has been detected for 32 TCLK
periods. After TLOS is asserted, it will not deassert until a pulse is again
detected. The transmit monitor is an independent function in which TMONP and
TMONM must be externally connected to TLINEP and TLINEM/N, respectively.
A special pin (TMONTST) is available for testing board-level functionality
downstream from the TLOS outputs. When TMONST is high it will assert all
TLOS channel outputs. TLOS outputs are active high when the monitor inputs do
not detect a signal.
Figure 2-7. AIS Signal
POSITIVE
PULSE
NEGATIVE
PULSE
TLINEP
(output voltage)
TLINEN
(output voltage)
8333_009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com