Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX28331 Datasheet(PDF) 51 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 51 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 47Page - Synaptics Incorporated. CX28331 Datasheet HTML 48Page - Synaptics Incorporated. CX28331 Datasheet HTML 49Page - Synaptics Incorporated. CX28331 Datasheet HTML 50Page - Synaptics Incorporated. CX28331 Datasheet HTML 51Page - Synaptics Incorporated. CX28331 Datasheet HTML 52Page - Synaptics Incorporated. CX28331 Datasheet HTML 53Page - Synaptics Incorporated. CX28331 Datasheet HTML 54Page - Synaptics Incorporated. CX28331 Datasheet HTML 55Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
CX28331/CX28332/CX28333
2.0 Functional Description
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
2.7 Electrical Characteristics
100985A
Conexant
2-19
2.7 Electrical Characteristics
2.7.1 Absolute Maximum Ratings
Table 2-3. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
DVDDC/
RVDD/
TVDD/
VDD
Power Supply Voltage
–0.3
6
V
VI
Voltage on Any Signal Pin
–1.0
VGG + 0.3 V
V
TST
Storage Temperature
–40
125
°C
TVSOL
Vapor Phase Soldering
Temperature (1 min.)
—
220
°C
θ
JA
Thermal Resistance (Still
air, socketed)
—
40
°C/W
θ
JA
Thermal Resistance (Still
air, soldered)
—
24
°C/W
θ
Jc
——
7.40
°C/W
FIT
Failures in time @ 89,000
device hours, temperature
of 55 °C, 0 failures.
—
313
fits
NOTE(S):
1. Stresses above those listed as absolute maximum ratings may cause permanent damage
to the device. This is a stress rating only, and functional operation of the device at these or
any other conditions beyond those indicated in the other sections of this document is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com