Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1GU04DBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1GU04DBVR
Description  Single Inverter Gate
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1GU04DBVR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1GU04DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2
SN74LVC1GU04
SCES215Y – APRIL 1999 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: SN74LVC1GU04
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ..................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ...................... 5
6.4
Thermal Information .................................................. 6
6.5
Electrical Characteristics........................................... 6
6.6
Switching Characteristics: TA = –40°C to +85°C ...... 7
6.7
Switching Characteristics: TA = –40°C to +125°C .... 7
6.8
Operating Characteristics.......................................... 7
6.9
Typical Characteristic................................................ 7
7
Parameter Measurement Information .................. 8
8
Detailed Description .............................................. 9
8.1
Overview ................................................................... 9
8.2
Functional Block Diagram ......................................... 9
8.3
Feature Description................................................... 9
8.4
Device Functional Modes........................................ 10
9
Application and Implementation ........................ 11
9.1
Application Information............................................ 11
9.2
Typical Application ................................................. 11
10
Power Supply Recommendations ..................... 12
11
Layout................................................................... 13
11.1
Layout Guidelines ................................................. 13
11.2
Layout Example .................................................... 13
12
Device and Documentation Support ................. 14
12.1
Documentation Support ........................................ 14
12.2
Community Resources.......................................... 14
12.3
Trademarks ........................................................... 14
12.4
Electrostatic Discharge Caution ............................ 14
12.5
Glossary ................................................................ 14
13
Mechanical, Packaging, and Orderable
Information ........................................................... 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision X (November 2017) to Revision Y
Page
•
Updated input voltage minimum from 0.5 V to –0.5 V in Absolute Maximum Ratings table.................................................. 5
Changes from Revision W (January 2016) to Revision X
Page
•
Changed values in the Thermal Information table to align with JEDEC standards................................................................ 6
•
Updated Feature Description to include more detailed information about specific device features. ..................................... 9
•
Changed Typical Application to oscillator circuit. ................................................................................................................. 11
•
Added DPW layout example................................................................................................................................................. 13
Changes from Revision V (November 2013) to Revision W
Page
•
Added Applications section, Device Information table, ESD Ratings table, Thermal Information table, Typical
Characteristics, Feature Description section, Device Functional Modes, Application and Implementation section,
Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Changes from Revision U (June 2011) to Revision V
Page
•
Updated document to new TI data sheet format. ................................................................................................................... 1
•
Updated operating free-air temperature range in Recommended Operating Conditions table.............................................. 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com