Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1GU04DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1GU04DBVR
Description  Single Inverter Gate
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1GU04DBVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1GU04DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
A
Y
2
4
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC1GU04
SCES215Y – APRIL 1999 – REVISED DECEMBER 2017
SN74LVC1GU04 Single Inverter Gate
1
1 Features
1
•
Available in the Texas Instruments
NanoFree™ Package
•
Supports 5-V VCC Operation
•
Inputs Accept Voltages to 5.5 V
•
Unbuffered Output
•
Maximum tpd of 3.7 ns at 3.3 V
•
Low Power Consumption, 10-μA Maximum ICC
•
±24-mA Output Drive at 3.3 V
•
Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
ESD Protection Exceeds JESD 22
–
2000-V Human-Body Model (A114-A)
–
200-V Machine Model (A115-A)
–
1000-V Charged-Device Model (C101)
2 Applications
•
AV Receivers
•
Blu-ray Players and Home Theaters
•
DVD Recorders and Players
•
Desktop or Notebook PCs
•
Digital Radio or Internet Radio Players
•
Digital Video Cameras (DVC)
•
Embedded PCs
•
GPS: Personal Navigation Devices
•
Mobile Internet Devices
•
Network Projector Front-Ends
•
Portable Media Players
•
Pro Audio Mixers
•
Smoke Detectors
•
Solid-State Drive (SSD): Enterprise
•
High-Definition (HDTV)
•
Tablets: Enterprise
•
Audio Docks: Portable
•
DLP Front Projection Systems
•
DVR and DVS
•
Digital Picture Frame (DPF)
•
Digital Still Cameras
3 Description
This single inverter gate is designed for 1.65-V to
5.5-V VCC operation.
The SN74LVC1GU04 device contains one inverter
with an unbuffered output and performs the Boolean
function Y = A.
NanoFree
package
technology
is
a
major
breakthrough in device packaging concepts, using the
die as the package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC1GU04DBV
SOT-23 (5)
2.90 mm × 1.60 mm
SN74LVC1GU04DCK
SC70 (5)
2.00 mm × 1.25 mm
SN74LVC1GU04DRL
SOT-5X3 (5)
1.60 mm × 1.20 mm
SN74LVC1GU04DRY
SON (6)
1.45 mm × 1.00 mm
SN74LVC1GU04DSF
SON (6)
1.00 mm × 1.00 mm
SN74LVC1GU04YZP
DSBGA (5)
1.44 mm × 0.94 mm
SN74LVC1GU04YZV
DSBGA (4)
0.91 mm × 0.91 mm
SN74LVC1GU04DPW
X2SON (5)
0.80 mm × 0.80 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)


Similar Part No. - SN74LVC1GU04DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GU04DBVR TI-SN74LVC1GU04DBVR Datasheet
535Kb / 14P
SINGLE INVERTER GATE
SN74LVC1GU04DBVR TI-SN74LVC1GU04DBVR Datasheet
643Kb / 16P
SINGLE INVERTER GATE
SN74LVC1GU04DBVR TI-SN74LVC1GU04DBVR Datasheet
709Kb / 16P
SINGLE INVERTER GATE
SN74LVC1GU04DBVR TI1-SN74LVC1GU04DBVR Datasheet
1Mb / 30P
Single Inverter Gate
SN74LVC1GU04DBVR TI2-SN74LVC1GU04DBVR Datasheet
2Mb / 49P
SN74LVC1GU04 Single Inverter Gate
REVISED DECEMBER 2017
More results

Similar Description - SN74LVC1GU04DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
SINGLE INVERTER GATE
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
SINGLE INVERTER GATE
SN74AHC1GU04 TI-SN74AHC1GU04_07 Datasheet
439Kb / 12P
SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
SINGLE INVERTER GATE
logo
Unisonic Technologies
U74AHC1G04 UTC-U74AHC1G04_15 Datasheet
198Kb / 5P
SINGLE INVERTER GATE
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
SINGLE INVERTER GATE
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
Single Inverter Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com