Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83815 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83815
Description  10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83815 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83815 Datasheet HTML 3Page - National Semiconductor (TI) DP83815 Datasheet HTML 4Page - National Semiconductor (TI) DP83815 Datasheet HTML 5Page - National Semiconductor (TI) DP83815 Datasheet HTML 6Page - National Semiconductor (TI) DP83815 Datasheet HTML 7Page - National Semiconductor (TI) DP83815 Datasheet HTML 8Page - National Semiconductor (TI) DP83815 Datasheet HTML 9Page - National Semiconductor (TI) DP83815 Datasheet HTML 10Page - National Semiconductor (TI) DP83815 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
7
www.national.com
2.0 Pin Description (Continued)
PERRN
97
N9
I/O
Parity Error: The DP83815 as a master or target will assert this
signal low to indicate a parity error on any incoming data (except for
special cycles). As a bus master, it will monitor this signal on all write
operations (except for special cycles).
REQN
64
J4
O
Request: The DP83815 will assert this signal low to request
ownership of the bus from the central arbiter.
RSTN
62
J3
I
Reset: When this signal is asserted all outputs of DP83815 will be
tri-stated and the device will be put into a known state.
SERRN
98
L9
I/O
System Error: This signal is asserted low by DP83815 during
address parity errors and system errors if enabled.
STOPN
96
M9
I/O
Stop: This signal is asserted low by the target device to request the
master device to stop the current transaction.
TRDYN
93
N8
I/O
Target Ready: As a master, this signal indicates that the target is
ready for the data during write operation and with the data during
read operation. As a target, this signal will be asserted low when the
(target) device is ready to complete the current data phase
transaction. This signal is used in conjunction with the IRDYN signal.
Data transaction takes place at the rising edge of PCICLK when both
IRDYN and TRDYN are asserted low.
PMEN/
CLKRUNN
59
H2
I/O
Power Management Event/Clock Run Function: This pin is a dual
function pin. The function of this pin is determined by the
CLKRUN_EN bit 0 of the CLKRUN Control and Status register
(CCSR). Default operation of this pin is PMEN.
Power Management Event: This signal is asserted low by DP83815
to indicate that a power management event has occurred. For pin
connection please refer to Section 6.7.
Clock Run Function: In this mode, this pin is used to indicate when
the PCICLK will be stopped.
3VAUX
122
J11
I
PCI Auxiliary Voltage Sense: This pin is used to sense the
presence of a 3.3V auxiliary supply in order to define the PME
Support available. For pin connection please refer to Section 6.7.
This pin has an internal weak pull down.
PWRGOOD
123
H13
I
PCI bus power good: Connected to PCI bus 3.3V power (not
3.3Vaux), this pin is used to sense the presence of PCI bus power.
This pin has an internal weak pull down.
PCI Bus Interface
Symbol
LQFP Pin
No(s)
LBGA Pin
No(s)
Dir
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com