Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5590 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5590
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5590 Datasheet HTML 5Page - Analog Devices AD5590 Datasheet HTML 6Page - Analog Devices AD5590 Datasheet HTML 7Page - Analog Devices AD5590 Datasheet HTML 8Page - Analog Devices AD5590 Datasheet HTML 9Page - Analog Devices AD5590 Datasheet HTML 10Page - Analog Devices AD5590 Datasheet HTML 11Page - Analog Devices AD5590 Datasheet HTML 12Page - Analog Devices AD5590 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
AD5590
Rev. A | Page 8 of 44
OPERATIONAL AMPLIFIER SPECIFICATIONS
Electrical characteristics @ VSY = 5 V, VCM = VSY/2, TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
INPUT CHARACTERISTICS
Offset Voltage
VOS
0.4
2.2
mV
−0.3 V < VCM < +5.3 V
2.2
mV
−40°C < TA < +85°C, −0.3 V < VCM < +5.2 V
Offset Voltage Drift1
∆VOS/∆T
1
4.5
µV/°C
−40°C < TA < +85°C
Input Bias Current1
IB
0.2
1
pA
110
pA
−40°C < TA < +85°C
Input Offset Current1
IOS
0.1
0.5
pA
50
pA
−40°C < TA < +85°C
Common-Mode Rejection Ratio
CMRR
95
dB
0 V < VCM < 5 V
68
dB
−40°C < TA < +85°C
Large Signal Voltage Gain
AVO
235
400
V/mV
RL = 10 kΩ, 0.5 V < VOUT < 4.5 V
Input Capacitance1
CDIFF
2
pF
CCM
7
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
4.95
4.98
V
IL = 1 mA
4.9
V
−40°C to +85°C
4.7
V
IL = 10 mA
4.50
V
−40°C to +85°C
Output Voltage Low
VOL
20
30
mV
IL = 1 mA
50
mV
−40°C to +85°C
190
275
mV
IL = 10 mA
335
mV
−40°C to +85°C
Short-Circuit Current1
ISC
±80
mA
Closed-Loop Output Impedance1
ZOUT
15
Ω
f = 10 kHz, AV = 1
POWER SUPPLY
Power Supply Span (V+ to V−)
5
V
Power Supply Rejection Ratio
PSRR
67
94
dB
1.8 V < VSY < 5 V
64
dB
−40°C < TA < +85°C
Supply Current per Amplifier
ISY
38
µA
VOUT = VSY/2
50
60
µA
−40°C <TA < +85°C
DYNAMIC PERFORMANCE1
Slew Rate
SR
0.1
V/µs
RL = 10 kΩ
Settling Time 0.1%
tS
23
μs
G = ±1, 2 V step, CL = 20 pF, RL = 1 kΩ
Gain Bandwidth Product
GBP
400
kHz
RL = 100 kΩ
350
kHz
RL = 10 kΩ
Phase Margin
ØO
70
Degrees
RL = 10 kΩ, RL = 100 kΩ, CL = 20 pF
NOISE PERFORMANCE1
Peak-to-Peak Noise
2.3
3.5
µV
Voltage Noise Density
en
25
nV/√Hz
f = 1 kHz
22
nV/√Hz
f = 10 kHz
Current Noise Density
in
0.05
pA/√Hz
f = 1 kHz
1
Guaranteed by design and characterization. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com