Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5590 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5590
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5590 Datasheet HTML 18Page - Analog Devices AD5590 Datasheet HTML 19Page - Analog Devices AD5590 Datasheet HTML 20Page - Analog Devices AD5590 Datasheet HTML 21Page - Analog Devices AD5590 Datasheet HTML 22Page - Analog Devices AD5590 Datasheet HTML 23Page - Analog Devices AD5590 Datasheet HTML 24Page - Analog Devices AD5590 Datasheet HTML 25Page - Analog Devices AD5590 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
AD5590
Rev. A | Page 21 of 44
50
0
10
1000
LOAD CAPACITANCE (pF)
–OS
+OS
100
45
40
35
30
25
20
15
10
5
VSY = 5V
TA = 25°C
Figure 43. Small Signal Overshoot vs. Load Capacitance
TIME (4µs/DIV)
VSY = 5V
AV = 1
RL = 10kΩ
CL = 200pF
Figure 44. Amplifier Small Signal Transient Response
TIME (20µs/DIV)
VSY = 5V
AV = 1
RL = 10kΩ
CL = 200pF
Figure 45. Amplifier Large Signal Transient Response
TIME (20µs/DIV)
VSY = ±2.5V
AV = –50
–2.5
0
0
100
Figure 46. Amplifier Positive Overload Recovery
TIME (20µs/DIV)
VSY = ±2.5V
AV = –50
0
2.5
–100
0
Figure 47. Amplifier Negative Overload Recovery
TIME (20µs/DIV)
VSY = ±2.5V
AV = 1
RL = 10kΩ
VIN = 6V p-p
VIN
VOUT
Figure 48. Amplifier, No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com