Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5593R Datasheet(PDF) 30 Page - Analog Devices

Part # AD5593R
Description  8-Channel, 12-Bit, Configurable ADC/DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5593R Datasheet HTML 26Page - Analog Devices AD5593R Datasheet HTML 27Page - Analog Devices AD5593R Datasheet HTML 28Page - Analog Devices AD5593R Datasheet HTML 29Page - Analog Devices AD5593R Datasheet HTML 30Page - Analog Devices AD5593R Datasheet HTML 31Page - Analog Devices AD5593R Datasheet HTML 32Page - Analog Devices AD5593R Datasheet HTML 33Page - Analog Devices AD5593R Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Data Sheet
AD5593R
Rev. C | Page 29 of 33
GPIO OPERATION
Each of the I/Ox pins of the AD5593R can be configured to
operate as a general-purpose, digital input or output pin. The
function of the pins is determined by writing to the appropriate
bit in the GPIO read configuration and GPIO write configuration
registers using the 4-byte I2C write shown in Figure 34.
Setting Pins as Outputs
To set a pin as a general-purpose output, set the appropriate bit
in the GPIO write configuration register to 1. For example,
setting Bit D0 to 1 enables I/O0 as a general-purpose output.
The outputs can be independently configured as push/pull or
open-drain outputs. When in push/pull configuration, the
output is driven to VDD or GND as determined by the data in
the GPIO write data register. When in open-drain configuration,
the output is driven to GND when a data bit in the GPIO write
data register sets the pin low. When the pin is set high, the
output is not driven and must be pulled high by an external
resistor. This allows multiple output pins to be tied together. If
all the pins are normally high, it allows one pin to pull down the
others. This is commonly used where multiple pins are used to
trigger an alarm or interrupt pin. The state of the output pin is
controlled by setting or clearing the bits in the GPIO write data
register (pointer byte = 0b00001001). A data bit is ignored if it is
written to a location that is not configured as an output.
Table 21. GPIO Write Configuration Register Descriptions
Bits
Description
D15 to D8
Reserved; set these bits to 0
D7 to D0
Select pins as GPIO outputs
D[7:0] = 1: I/O[7:0] is a general-purpose output pin
D[7:0] = 0: I/O[7:0] function is determined by the
pin configuration registers (default)
Table 22. GPIO Open-Drain Control Register Descriptions
Bits
Description
D15 to D8
Reserved; set these bits to 0
D7 to D0
Sets output pins as open-drain
D[7:0] = 1: I/O[7:0] is an open-drain output pin
D[7:0] = 0: I/O[7:0] is a push/pull output pin
(default)
Table 23. GPIO Write Data Register Descriptions
Bits
Description
D15 to D8
Reserved; set these bits to 0
D7 to D0
Sets the state of a GPIO output
D[7:0] = 1: I/O[7:0] is a Logic 1
D[7:0] = 0: I/O[7:0] is a Logic 0 (default)
Setting Pins as Inputs
To set an I/Ox pin as a general-purpose input, set the
appropriate bit in the GPIO read configuration register to 1. For
example, setting Bit D0 to 1 enables I/O0 as a general-purpose
input. To read the state of general-purpose inputs, set the
pointer byte to 0b01100000 (see Table 10 ) using any of the read
operations shown in Figure 35, Figure 36, and Figure 37. The
status of any I/O pin set as a general-purpose input appears in
the appropriate bit location in the least significant data byte.
Three-State Pins
The I/Ox pins can be set to three-state by writing to the three-
state configuration register (pointer byte = 0b00001101) as
shown in Table 24.
Table 24. Three-State Configuration Register Descriptions
Bits
Description
D15 to D8
Reserved; set these bits to 0
D7 to D0
Set pins as three-state outputs
D[7:0] = 1: I/O[7:0] is a three-state output pin
D[7:0] = 0: I/O[7:0] function is determined by the
pin configuration registers (default)
85 kΩ Pull-Down Pins
The I/Ox pins can be connected to GND via a pull-down
resistor (85 kΩ) by setting the appropriate bits in the pull-down
configuration register (pointer byte = 00000110) as shown in
Table 25.
Table 25. Pull-Down Configuration Register Descriptions
Bits
Description
D15 to D8
Reserved; set these bits to 0
D7 to D0
Set pins as weak pull-down outputs
D[7:0] = 1: I/O[7:0 is connected to GND via an 85 kΩ
pull-down resistor
D[7:0] = 0: I/O[7:0] function is determined by the
pin configuration registers (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com