Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5593R Datasheet(PDF) 1 Page - Analog Devices

Part # AD5593R
Description  8-Channel, 12-Bit, Configurable ADC/DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 1 Page - Analog Devices

  AD5593R Datasheet HTML 1Page - Analog Devices AD5593R Datasheet HTML 2Page - Analog Devices AD5593R Datasheet HTML 3Page - Analog Devices AD5593R Datasheet HTML 4Page - Analog Devices AD5593R Datasheet HTML 5Page - Analog Devices AD5593R Datasheet HTML 6Page - Analog Devices AD5593R Datasheet HTML 7Page - Analog Devices AD5593R Datasheet HTML 8Page - Analog Devices AD5593R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
8-Channel, 12-Bit, Configurable ADC/DAC
with On-Chip Reference, I2C Interface
Data Sheet
AD5593R
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
8-channel, configurable ADC/DAC/GPIO
Configurable as any combination of
8 12-bit DAC channels
8 12-bit ADC channels
8 general-purpose I/O pins
Integrated temperature sensor
16-lead TSSOP and LFCSP and 16-ball WLCSP packages
I2C interface
APPLICATIONS
Control and monitoring
General-purpose analog and digital I/O
GENERAL DESCRIPTION
The AD5593R has eight input/output (I/O) pins, which can be
independently configured as digital-to-analog converter (DAC)
outputs, analog-to-digital converter (ADC) inputs, digital outputs,
or digital inputs. When an I/O pin is configured as an analog
output, it is driven by a 12-bit DAC. The output range of the
DAC is 0 V to VREF or 0 V to 2 × VREF. When an I/O pin is
configured as an analog input, it is connected to a 12-bit ADC
via an analog multiplexer. The input range of the ADC is 0 V to
VREF or 0 V to 2 × VREF. The I/O pins can also be configured to
be general-purpose, digital input or output (GPIO) pins. The
state of the GPIO pins can be set or read back by accessing the
GPIO write data register and GPIO read configuration registers,
respectively, via an I2C write or read operation.
The AD5593R has an integrated 2.5 V, 20 ppm/°C reference that
is turned off by default and an integrated temperature indicator
that gives an indication of the die temperature. The temperature
value is read back as part of an ADC read sequence.
The AD5593R is available in 16-lead TSSOP and LFCSP, as well
as a 16-ball WLCSP, and operates over a temperature range of
−40°C to +105°C.
Table 1. Related Products
Product
Description
AD5592R
AD5593R equivalent with SPI interface
AD5592R-1
AD5593R equivalent with SPI interface and VLOGIC pin
FUNCTIONAL BLOCK DIAGRAM
RESET
VREF
I/O7
I/O0
GPIO7
GPIO0
T/H
SEQUENCER
VDD
VLOGIC
GND
SCL
SDA
A0
TEMPERATURE
INDICATOR
DAC
REGISTER
INPUT
REGISTER
DAC 7
DAC
REGISTER
INPUT
REGISTER
DAC 0
AD5593R
MUX
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
POWER-ON
RESET
I2C
INTERFACE
LOGIC
2.5V
REFERENCE
Figure 1.


Similar Part No. - AD5593R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
Control and monitoring
Rev. B
AD5593RBCBZ-RL7 AD-AD5593RBCBZ-RL7 Datasheet
986Kb / 34P
Control and monitoring
Rev. B
AD5593RBCPZ-RL7 AD-AD5593RBCPZ-RL7 Datasheet
986Kb / 34P
Control and monitoring
Rev. B
AD5593RBRUZ AD-AD5593RBRUZ Datasheet
986Kb / 34P
Control and monitoring
Rev. B
More results

Similar Description - AD5593R

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNAD01B SONIX-SNAD01B Datasheet
726Kb / 31P
8-CHANNEL 8-BIT ADC
SNAD01C SONIX-SNAD01C Datasheet
722Kb / 27P
8-CHANNEL 8-BIT ADC?
logo
Linear Technology
LTC2308 LINER-LTC2308 Datasheet
450Kb / 20P
Low Noise, 500ksps, 8-Channel, 12-Bit ADC
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
12-Bit, 200ksps, 8-Channel, Serial Output ADC
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7548 AD-AD7548_15 Datasheet
627Kb / 12P
8 Bit P Compatible 12 Bit DAC
REV. A
logo
Linear Technology
LTC2308 LINER-LTC2308_15 Datasheet
384Kb / 20P
Low Noise, 500ksps, 8-Channel, 12-Bit ADC
logo
ON Semiconductor
NCD9830 ONSEMI-NCD9830 Datasheet
215Kb / 16P
8-Bit, 8-Channel ADC
November, 2013 ??Rev. 3
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
8-Channel, 12-Bit, 65MSPS ADC
logo
PADAUK Technology.
PMC131 PADAUK-PMC131 Datasheet
1Mb / 86P
12-bit ADC Enhanced 8-bit Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com