Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8450 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8450
Description  Precision Analog Front End and Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8450 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8450 Datasheet HTML 17Page - Analog Devices AD8450 Datasheet HTML 18Page - Analog Devices AD8450 Datasheet HTML 19Page - Analog Devices AD8450 Datasheet HTML 20Page - Analog Devices AD8450 Datasheet HTML 21Page - Analog Devices AD8450 Datasheet HTML 22Page - Analog Devices AD8450 Datasheet HTML 23Page - Analog Devices AD8450 Datasheet HTML 24Page - Analog Devices AD8450 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
AD8450
Data Sheet
Rev. B | Page 20 of 41
REFERENCE CHARACTERISTICS
2.51
2.50
2.49
2.48
2.47
2.46
0
1
2
3
4
5
6
7
8
9
10
OUTPUT CURRENT—SOURCING (mA)
TA = –40°C
TA = +25°C
TA = –20°C
TA = +85°C
TA = 0°C
AVCC = +25V
AVEE = –5V
Figure 45. Output Voltage vs. Output Current (Sourcing) over Temperature
2.9
2.8
2.7
2.6
2.5
2.4
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
OUTPUT CURRENT—SINKING (mA)
TA = +85°C
TA = +25°C
TA = 0°C
TA = –20°C
TA = –40°C
AVCC = +25V
AVEE = –5V
Figure 46. Output Voltage vs. Output Current (Sinking) over Temperature
1200
1100
1000
900
800
700
600
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
AVCC = +25V
AVEE = –5V
Figure 47. Source and Sink Load Regulation vs. Temperature
1k
10
100
0.1
1
10
100
100k
10k
1k
FREQUENCY (Hz)
Figure 48. Spectral Density Voltage Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com