Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8450 Datasheet(PDF) 29 Page - Analog Devices

Part # AD8450
Description  Precision Analog Front End and Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8450 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8450 Datasheet HTML 25Page - Analog Devices AD8450 Datasheet HTML 26Page - Analog Devices AD8450 Datasheet HTML 27Page - Analog Devices AD8450 Datasheet HTML 28Page - Analog Devices AD8450 Datasheet HTML 29Page - Analog Devices AD8450 Datasheet HTML 30Page - Analog Devices AD8450 Datasheet HTML 31Page - Analog Devices AD8450 Datasheet HTML 32Page - Analog Devices AD8450 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
AD8450
Data Sheet
Rev. B | Page 28 of 41
CURRENT SHARING BUS AND IMAX OUTPUT
Battery formation and test systems that use multiple channels
bridged together to condition high current battery cells require
circuitry to balance the total output current among the channels.
Current balance, or current sharing (CS), can be implemented
by actively matching the output current of each channel during
the battery charge/discharge process.
The current sharing bus amplifier is a precision unity-gain
specialty amplifier with an output stage that can only pull up its
output node (the CSH pin). The amplifier is configured as a
unity-gain buffer with its input connected to the ISMEA pin
(the output of the PGIA). If the CSH pin is left unconnected, the
voltage at the pin is a replica of the voltage at the ISMEA pin.
Figure 58 is a functional block diagram of the current sharing
circuit. In this example, Channel 0 through Channel n are
bridged together to charge a high current battery.
The CS output of each channel is tied to a common bus (CS bus),
which is buffered by the CS buffer amplifier to the IMAX pin.
By means of external resistors, the uncommitted operational
amplifier is configured as a difference amplifier to measure the
voltage difference between the IMAX and ISMEA nodes.
During the charge process, the charging current and, therefore,
the voltage at the ISMEA pin, is slightly different in each channel
due to mismatches in the components that make up each channel.
Because the CS bus amplifiers are driven by their respective PGIAs
and have output stages that can only pull up their output nodes,
the amplifier that requires the highest voltage takes control of the
CS bus. Therefore, the voltage at the CS bus is pulled up to match
the VISMEA voltage of the channel with the largest output current.
The output voltage of the uncommitted op amp in each channel
is proportional to the difference between the channel’s output
current and the largest output current. This output voltage can
then be used to form a feedback loop that actively corrects the
channel’s output current by adjusting the channel’s target current
and target voltage, that is, adjusting VISET and VVSET voltages.
I_n
CHANNEL n
CHANNEL 1
IMAX
ISVP
ISVN
–
+
ISMEA
PGIA
CS
OAVO
OAVN
RS0
OAVP
R
CS
BUFFER
CS BUS
AMPLIFIER
–
+
1
–
+
R
R
R
CHANNEL 0
AVEE
UNCOMMITTED
OP AMP
CORRECTION
SIGNAL
VCS − VISMEA
CHANNEL 0
I_0
I_1
CS BUS
IBAT
I_0
Figure 58. Functional Block Diagram of the Current Sharing Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com