Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8451ASTZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD8451ASTZ
Description  Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8451ASTZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8451ASTZ Datasheet HTML 18Page - Analog Devices AD8451ASTZ Datasheet HTML 19Page - Analog Devices AD8451ASTZ Datasheet HTML 20Page - Analog Devices AD8451ASTZ Datasheet HTML 21Page - Analog Devices AD8451ASTZ Datasheet HTML 22Page - Analog Devices AD8451ASTZ Datasheet HTML 23Page - Analog Devices AD8451ASTZ Datasheet HTML 24Page - Analog Devices AD8451ASTZ Datasheet HTML 25Page - Analog Devices AD8451ASTZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Data Sheet
AD8451
6. The CV loop tries to pull the VINT node down to reduce
the charging current (IBAT) and prevent the battery voltage
from rising any further. At the same time, the CC loop tries
to keep the VINT node at its current voltage to keep the
battery current at IBAT_SS.
7. Because the loop amplifiers can only pull the VINT node
down due to the analog NOR circuit, the CV loop takes
control of the charging feedback loop, and the CC loop is
disabled.
The analog NOR (minimum output selector) circuit that couples
the outputs of the loop amplifiers is optimized to minimize the
transition time from CC to CV control. Any delay in the transition
causes the CC loop to remain in control of the charge feedback
loop after the battery voltage reaches its target value. Therefore,
the battery voltage continues to rise beyond VBAT_SS until the
control loop transitions; that is, the battery voltage overshoots
its target voltage. When the CV loop takes control of the charge
feedback loop, it reduces the battery voltage to the target voltage.
A large overshoot in the battery voltage due to transition delays
can damage the battery; thus, it is crucial to minimize delays by
implementing a fast CC to CV transition.
Figure 48 is the functional block diagram of the AD8451 CC
and CV feedback loops for discharge mode (MODE logic pin is
low). In discharge mode, the feedback loops operate in a similar
manner as in charge mode. The only difference is in the CV
loop amplifier, which operates as a noninverting integrator in
discharge mode. For illustration purposes, the external networks
connected to the loop amplifiers are simple RC networks
configured to form single-pole integrators (see Figure 48).
Compensation
In battery formation and test systems, the CC and CV feedback
loops have significantly different open-loop gain and crossover
frequencies; therefore, each loop requires its own frequency
compensation. The active filter architecture of the AD8451 CC
and CV loops allows the frequency response of each loop to be
set independently via external components. Moreover, due to
the internal switches in the CC and CV amplifiers, the frequency
response of the loops in charge mode does not affect the
frequency response of the loops in discharge mode.
Unlike simpler controllers that use passive networks to ground
for frequency compensation, the AD8451 allows the use of
feedback networks for its CC and CV loop filter amplifiers.
These networks enable the implementation of both
proportional differentiator (PD) Type II and proportional
integrator differentiator (PID) Type III compensators. Note
that in charge mode, both the CC and CV loops implement
inverting compensators, whereas in discharge mode, the CC
loop implements an inverting compensator, and the CV loop
implements a noninverting compensator. As a result, the CV loop
in discharge mode includes an additional amplifier, VSET buffer, to
buffer the VSET node from the feedback network (see Figure 48).
VINT Buffer
The unity-gain amplifier (VINT buffer) is a clamp amplifier
that drives the VCTRL pin. The VCTRL pin is the control
output of the AD8451 and the control input of the power
converter (see Figure 46 and Figure 48). The output voltage
range of this amplifier is bounded by the clamp voltages at the
VCLP and VCLN pins such that
VVCLN − 0.5 V < VVCTRL < VVCLP + 0.5 V
The reduction in the output voltage range of the amplifier is a
safety feature that allows the AD8451 to drive devices such as
the ADP1972 PWM controller, whose input voltage range must
not exceed 5.5 V (that is, the voltage at the COMP pin of the
ADP1972 must be below 5.5 V).
MODE PIN, CHARGE AND DISCHARGE CONTROL
The MODE pin is a TTL logic input that configures the AD8451
for either charge or discharge mode. A logic low (VMODE < 0.8 V)
corresponds to discharge mode, and a logic high (VMODE > 2 V)
corresponds to charge mode. Internal to the AD8451, the MODE
pin toggles all single-pole, double throw (SPDT) switches in the
CC and CV loop amplifiers and inverts the gain polarity of the IA.
VSET
VSET
BUFFER
VSETBF
ISET
–
+
–
+
CC LOOP
AMPLIFIER
CV LOOP
AMPLIFIER
IVE0
VVE0
ANALOG
‘NOR’
ISVN
BVP
BVN
GDA
–
+
–
+
GIA
ISMEAS
BVMEA
IBAT
IA
DA
R2
R2
C2
VVP0
R1
C1
C
2
1×
VCTRL
VCLN
VCLP
VINT
BUFFER
V1
VBAT
SENSE
RESISTOR
MODE
–
+
RS
VINT
VINT
ISVP
MINIMUM
OUTPUT
SELECTOR
V4
V3
V3 < VCTRL < V4
V2
1×
POWER
CONVERTER
IOUT
VCTRL
CURRENT
POWER
BUS
Figure 48. Functional Block Diagram of the CC and CV Loops in Discharge Mode (MODE Pin Low)
Rev. 0 | Page 21 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com