Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8451ASTZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD8451ASTZ
Description  Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8451ASTZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8451ASTZ Datasheet HTML 19Page - Analog Devices AD8451ASTZ Datasheet HTML 20Page - Analog Devices AD8451ASTZ Datasheet HTML 21Page - Analog Devices AD8451ASTZ Datasheet HTML 22Page - Analog Devices AD8451ASTZ Datasheet HTML 23Page - Analog Devices AD8451ASTZ Datasheet HTML 24Page - Analog Devices AD8451ASTZ Datasheet HTML 25Page - Analog Devices AD8451ASTZ Datasheet HTML 26Page - Analog Devices AD8451ASTZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AD8451
Data Sheet
APPLICATIONS INFORMATION
This section describes how to use the AD8451 in the context of
a battery formation and test system. This section includes a
design example of a small scale model of an actual system.
FUNCTIONAL DESCRIPTION
The AD8451 is a precision analog front end and controller for
battery formation and test systems. These systems use precision
controllers and power stages to put batteries through charge and
discharge cycles. Figure 49 shows the signal path of a simplified
switching battery formation and test system using the AD8451
controller and the ADP1972 PWM controller. For more
information on the ADP1972, see the ADP1972 data sheet.
The AD8451 is suitable for systems that form and test NiCad,
NiMH, and Li-Ion batteries and is designed to operate in
conjunction with both linear and switching power stages.
The AD8451 includes the following blocks (see Figure 42 and
the Theory of Operation section for more information).
•
A fixed gain IA that senses low-side or high-side battery
current.
•
A fixed gain DA that measures the terminal voltage of the
battery.
•
Two loop filter error amplifiers that receive the battery target
current and voltage and establish the dynamics of the CC and
CV feedback loops.
•
A minimum output selector circuit that combines the
outputs of the loop filter error amplifiers to perform
automatic CC to CV switching.
•
An output clamp amplifier that drives the VCTRL pin. The
voltage range of this amplifier is limited by the voltage at
the VCLP and VCLN pins such that it cannot overrange
the subsequent stage. The output clamp amplifier can drive
switching and linear power converters. Note that an
increasing voltage at the VCTRL pin must translate to a
larger output current in the power converter.
•
A 2.5 V reference whose output node is the VREF pin.
A logic input pin (MODE) that changes the configuration of the
controller from charge to discharge mode. A logic high at the
MODE pin configures charge mode; a logic low configures
discharge mode.
BATTERY
LEVEL
SHIFTER
VCTRL
SENSE
RESISTOR
ISVP
ISVN
BVP
BVN
MODE
SWITCHES
(3)
AVCC
OUTPUT
DRIVERS
BATTERY
CURRENT
AVEE
CV
BUFFER
CONSTANT
CURRENT LOOP
FILTER AMPLIFIER
–
+
–
+
1×
VINT
BUFFER
VSET
ISET
C
D C
D C
D
VINT
ISMEA
BVMEA
OUTPUT
FILTER
DA
–
+
–
+
IA
AD8451
CONTROLLER
1×
SET
BATTERY
VOLTAGE
SET
BATTERY
CURRENT
DC-TO-DC POWER CONVERTER
EXTERNAL
PASSIVE
COMPENSATION
NETWORK
C = CHARGE
D = DISCHARGE
CONSTANT
VOLTAGE LOOP
FILTER AMPLIFIER
ADP1972
PWM
Figure 49. Complete Signal Path of a Battery Test or Formation System Suitable for Li-Ion Batteries
Rev. 0 | Page 22 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com