Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAS1000 Datasheet(PDF) 63 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 59Page - Analog Devices ADAS1000 Datasheet HTML 60Page - Analog Devices ADAS1000 Datasheet HTML 61Page - Analog Devices ADAS1000 Datasheet HTML 62Page - Analog Devices ADAS1000 Datasheet HTML 63Page - Analog Devices ADAS1000 Datasheet HTML 64Page - Analog Devices ADAS1000 Datasheet HTML 65Page - Analog Devices ADAS1000 Datasheet HTML 66Page - Analog Devices ADAS1000 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Table 34. Pace Amplitude Threshold Register (PACEAMPTH) Address 0x07, Reset Value = 0x2424241
R/W
Default
Bit
Name
Function
R/W
0010 0100
[23:16]
PACE3AMPTH
Pace amplitude threshold
R/W
0010 0100
[15:8]
PACE2AMPTH
Threshold = N × 2 × VREF/GAIN/216
R/W
0010 0100
[7:0]
PACE1AMPTH
1
ADAS1000 model only, ADAS1000-1/ADAS1000-2 models do not contain these features.
Table 35. Test Tone Register (TESTTONE) Address 0x08, Reset Value = 0x000000
R/W
Default
Bit
Name
Function
R/W
0
23
TONLA
Tone select
R/W
0
22
TONLL
0 (default) = 1.3 V VCM_REF
R/W
0
21
TONRA
1 = 1 mV sine wave or square wave for TONINT = 1, no connect for TONINT = 0
R/W
0
20
TONV1
R/W
0
19
TONV2
R/W
0
[18:5]
Reserved
Reserved, set to 0
R/W
00
[4:3]
TONTYPE
00 (default) = 10 Hz sine wave
01 = 150 Hz sine wave
1× = 1 Hz, 1 mV square wave
R/W
0
2
TONINT
Test tone internal or external
0 (default) = external test tone; test tone to be sent out through CAL_DAC_IO and
applied externally to enabled channels
1 = internal test tone; disconnects external switches for all ECG channels and
connects the calibration DAC test tone internally to all ECG channels; in gang
mode, the CAL_DAC_IO is connected, and the slave disables the calibration DAC
R/W
0
1
TONOUT
Test tone out enable
0 (default) = disconnects test tone from CAL_DAC_IO during internal mode only
1 = connects CAL_DAC_IO to test tone during internal mode
R/W
0
0
TONEN
Enables an internal test tone to drive entire signal chain, from preamplifier to SPI
interface; this tone comes from the calibration DAC and goes to the preamplifier
through the internal mux; when TONEN (calibration DAC) is enabled, ac lead-off is
disabled
0 (default) = disable the test tone
1 = enable the 1 mV sine wave test tone (calibration mode has priority)
Rev. B | Page 63 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com