Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAS1000 Datasheet(PDF) 64 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 60Page - Analog Devices ADAS1000 Datasheet HTML 61Page - Analog Devices ADAS1000 Datasheet HTML 62Page - Analog Devices ADAS1000 Datasheet HTML 63Page - Analog Devices ADAS1000 Datasheet HTML 64Page - Analog Devices ADAS1000 Datasheet HTML 65Page - Analog Devices ADAS1000 Datasheet HTML 66Page - Analog Devices ADAS1000 Datasheet HTML 67Page - Analog Devices ADAS1000 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Table 36. Calibration DAC Register (CALDAC) Address 0x09, Reset Value = 0x0020001
R/W
Default
Bit
Name
Function
0
[23:14]
Reserved
Reserved, set to 0.
R/W
1
13
CALCHPEN
Calibration chop clock enable. The calibration DAC output (CAL_DAC_IO) can be
chopped to lower 1/f noise. Chopping is performed at 256 kHz.
0 = disabled.
1 (default) = enabled.
R/W
0
12
CALMODEEN
Calibration mode enable.
0 (default) = disable calibration mode.
1 = enable calibration mode; connect CAL DAC_IO, begin data acquisition on ECG channels.
R/W
0
11
CALINT
Calibration internal or external.
0 (default) = external calibration to be performed externally by looping CAL_DAC_IO
around into ECG channels.
1 = internal calibration; disconnects external switches for all ECG channels and
connects calibration DAC signal internally to all ECG channels.
R/W
0
10
CALDACEN
Enable 10-bit calibration DAC for calibration mode or external use.
0 (default) = disable calibration DAC.
1 = enable calibration DAC. If a master device and not in calibration mode, also connects
the calibration DAC signal out to the CAL_DAC_IO pin for external use. If in slave mode,
the calibration DAC is disabled to allow master to drive the slave CAL_DAC_IO pin. When
the calibration DAC is enabled, ac lead-off is disabled.
R/W
0000000000
[9:0]
CALDATA[9:0]
Set the calibration DAC value.
1
To ensure successful update of the calibration DAC, the serial interface must issue four additional SCLK cycles after writing the new calibration DAC register word.
Rev. B | Page 64 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com