Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP15501 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FP15501
Description  Konntakt Base part
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP15501 Datasheet(HTML) 1 Page - Ledil, Inc.

  FP15501 Datasheet HTML 1Page - Ledil, Inc. FP15501 Datasheet HTML 2Page - Ledil, Inc. FP15501 Datasheet HTML 3Page - Ledil, Inc. FP15501 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT DATASHEET
Konntakt series
last update 10/1/2018
DETAILS
Product Number
FP15501_HEKLA-C
Family
Konntakt
Type
Base part
Color
clear
Diameter
44 mm
Height
5,5 mm
Style
Optic Material
Holder Material
PBT
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
10/01/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CLL02x/CLU02x (LES10)
NA deg
-
sim: 0.000 -
CLU700/701
NA deg
-
sim: 0.000 -
Soleriq S9
NA deg
-
sim: 0.000 -
LC006B / LC008B
NA deg
-
sim: 0.000 -
COB D Series LES 9.8 mm
NA deg
-
sim: 0.000 -
SLE G4 LES10
NA deg
-
sim: 0.000 -
February 8th 2018 2:17 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FP15501

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FP15500 LEDIL-FP15500 Datasheet
3Mb / 3P
Version compatible with COBs of 17.85 x 17.85 mm packages and max 14.2 mm LES size
FP15502 LEDIL-FP15502 Datasheet
3Mb / 3P
Version compatible with COBs of 15.85 x 15.85 mm packages and max 10.7 mm LES size
FP15503 LEDIL-FP15503 Datasheet
3Mb / 3P
Version compatible with COBs of 15.8 x 15.8 mm packages and max 14.3 mm LES size
More results

Similar Description - FP15501

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
F15256 CREE-F15256 Datasheet
334Kb / 3P
Konntakt series
logo
Ledil, Inc.
C14636 LEDIL-C14636 Datasheet
275Kb / 3P
Barbara Base part
C16142 LEDIL-C16142 Datasheet
424Kb / 3P
Konntakt Base part
C16491 LEDIL-C16491 Datasheet
1Mb / 4P
Konntakt Base part
logo
PHOENIX CONTACT
2200901 PHOENIX-2200901 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: gray
2200906 PHOENIX-2200906 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: gray
2200933 PHOENIX-2200933 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: aluminum
2200934 PHOENIX-2200934 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: black
2200951 PHOENIX-2200951 Datasheet
43Kb / 2P
Panel mounting base, Side part
2200952 PHOENIX-2200952 Datasheet
43Kb / 2P
Panel mounting base, Side part
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com