Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP15501 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # FP15501
Description  Konntakt Base part
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP15501 Datasheet(HTML) 3 Page - Ledil, Inc.

  FP15501 Datasheet HTML 1Page - Ledil, Inc. FP15501 Datasheet HTML 2Page - Ledil, Inc. FP15501 Datasheet HTML 3Page - Ledil, Inc. FP15501 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GENERAL ASSEMBLY INSTRUCTION
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
2:1
SHEET
2/2
SIZE
A3
PRODUCT
FIRST ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
PCB or Heat Sink level
Led location
Ensure LED fitting, see our web site and/or 3D model for part detail.
MECHANICAL DRAWING
HEKLA-family
Notes
Remove the wire by slightly pulling
and rotating at the same time.
A new wire is recommended after removing
the old one and check the functionality
of the connector.
GENERAL INFORMATION
RATED VOLTAGE/CURRENT
50VDC/3A
FOR USE IN SELV AND CLASS 2 (USA) APPLICATIONS ONLY
WIRE TYPE AND SIZE
SOLID WIRE 22 AWG ( 0,64mm); TINNED WIRE 22-20 AWG(SOLDER DIPPED)
WIRE STRIP LENGTH
5 +/-0,5 mm
FASTENING
SCREWS 2XM3, WASHER 2XM3
MAX.SCREW FIXING TORQUE
0,6Nm
MAX.TIM THICKNESS
0,25mm
RATED TEMPERATURE
110 C
35mm
Screws M3+Washers
(DIN125/DIN127)
Max.torque 0,6Nm
Solid wire AWG 22
Tinned wire AWG 22-20(solder dipped)
Strip length 5mm
COB LED
TIM
(max.thickness 0,25mm)
Heat sink
(simplified)
Note polarization



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com