Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCS2031 Datasheet(PDF) 2 Page - International Rectifier

Part # IRMCS2031
Description  Complete Sensorless Drive Design Platform iMOTION Development System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2031 Datasheet(HTML) 2 Page - International Rectifier

  IRMCS2031 Datasheet HTML 1Page - International Rectifier IRMCS2031 Datasheet HTML 2Page - International Rectifier IRMCS2031 Datasheet HTML 3Page - International Rectifier IRMCS2031 Datasheet HTML 4Page - International Rectifier IRMCS2031 Datasheet HTML 5Page - International Rectifier IRMCS2031 Datasheet HTML 6Page - International Rectifier IRMCS2031 Datasheet HTML 7Page - International Rectifier IRMCS2031 Datasheet HTML 8Page - International Rectifier IRMCS2031 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
IRMCS2031
Overview
The IRMCS2031 is a design platform for a complete Sensorless drive system based on the IRMCK201 digital motion
control IC. The system is based on configurable control engine implemented by hardware logics in the IRMCK203.
The system has a simple and low cost structure, made possible by an advanced IR motion components including the
IRAMX16UP60A IGBT module, and IR2175 monolithic current sensing high voltage IC. These components together
with the IRMCK203 simplify hardware implementation. Since all control logic is implemented in hardware logic as
opposed to programmed software, unmatched parallel computation is achieved resulting in higher bandwidth control
and higher motor operating frequency (15 usec minimum PWM loop cycle).
Despite of hardware logic implementation, its design flexibility allows the user to configure Permanent Magnetic ac
motors (Sinusoidal Back EMF) with different motor parameters and different types of communication protocols.
Host
Controller
IR2175
IR2175
IRMCK203
Motor
AC Power
IRMCS2031
RS232C
or
RS422
θ
j
e
θ
j
e
2/3
Dead
time
Host
Register
Interface
Configuration
Registers
Monitoring
Registers
SPI
Interface
Space
Vector
PWM
Period/Duty
counters
Period/Duty
counters
BRAKE
FAULT
+
-
-
+
-
+
A/D
interface
A/D
MUX
select
DC bus dynamic
brake control
Analog Speed
Reference
DC bus feedback
Parallel
Interface
IRAMY20UP60A
Plug-N-DriveTM
IGBT module
EEPROM
Rotor Angle/
speed
Estimator
4
channel
D/A
Analog
Monitor
RAMP
Figure 1.
IRMCS2031 System Block Diagram
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com