Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCS2031 Datasheet(PDF) 1 Page - International Rectifier

Part # IRMCS2031
Description  Complete Sensorless Drive Design Platform iMOTION Development System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2031 Datasheet(HTML) 1 Page - International Rectifier

  IRMCS2031 Datasheet HTML 1Page - International Rectifier IRMCS2031 Datasheet HTML 2Page - International Rectifier IRMCS2031 Datasheet HTML 3Page - International Rectifier IRMCS2031 Datasheet HTML 4Page - International Rectifier IRMCS2031 Datasheet HTML 5Page - International Rectifier IRMCS2031 Datasheet HTML 6Page - International Rectifier IRMCS2031 Datasheet HTML 7Page - International Rectifier IRMCS2031 Datasheet HTML 8Page - International Rectifier IRMCS2031 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Data Sheet No. PD60223
Advance Information
IRMCS2031
Complete Sensorless Drive Design Platform
iMOTION
TM Development System
Features
!
Low cost complete AC sensorless drive design
platform
! IRMCK203 IC for complete sensorless control
! Simple design with IR2175 current sensing HVIC
! 230V/750W maximum output power with 600V/16A
advanced Plug-N-Drive
TM IGBT module
! Wide speed range and high speed operation
! Support any permanent magnet AC motors
! Low loss/EMI Space Vector PWM
! No voltage feedback sensing
! Low cost A/D interface with multiplexer
! 4-channel D/A output for diagnostics/monitoring
! ServoDesignerTM tool for easy operation
! RS232C/RS422 and fast SPI interface
! Parallel interface for microcontroller expansion
! Over-current and ground fault protection
! Over-voltage / Under-voltage protection
! Dynamic Braking control with brake IGBT/FWD
! Discrete I/Os (START/STOP, FAULT, FLTCLR, SYNC
ESTOP, PWMEN)
! Configuration data retention at power up/down
Product Summary
Speed operation range (typical)
5 to 100%
High speed operation
100,000rpm (2pole)
Speed accuracy
0.01%
Speed resolution
15bit
PWM carrier frequency
60 kHz max
Sensorless control computation time
10 usec
Continuous output current
5 Arms (750W)
Overload output current
15 Arms (750W)
Maximum modulation index
1.2
Max RS232C speed
57.6 kbps
Optional RS422 communication
1Mbps
Description
IRMCS2031 is a complete sensorless drive design platform for industrial/appliance applications up to 1.0 HP output power.
The system contains the latest advanced motion control IC, IRMCK203, and the ServoDesigner
TM software. The complete
B/Ms and schematics are provided so that the user can adapt and tailor the design per application needs. The system does
not requires any software code development due to unique Motion Control Engine implemented in the IRMCK203 IC. User
can readily evaluate high performance sensorless control without spending development effort usually required in the
traditional DSP or microcontroller based system. IRMCS2031 contains advanced iMOTION chipset such as IR2175 monolithic
current sensing ICs and IRAMX16A60A intelligent power module, which enable simple and cost effective motion control
design.
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.


Similar Part No. - IRMCS2031

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCS2031 IRF-IRMCS2031_07 Datasheet
410Kb / 21P
Complete Sensorless Drive Design Platform iMOTIONTM Development System
More results

Similar Description - IRMCS2031

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCS2011 IRF-IRMCS2011 Datasheet
859Kb / 25P
Complete Encoder Based Servo Drive Design Platform iMOTION Development System
IRMCS2033 IRF-IRMCS2033 Datasheet
622Kb / 21P
Low Voltage Sensorless Drive Design Platform for Permanent Magnet Motors
IRMCS2031 IRF-IRMCS2031_07 Datasheet
410Kb / 21P
Complete Sensorless Drive Design Platform iMOTIONTM Development System
IRMCS3041 IRF-IRMCS3041 Datasheet
339Kb / 11P
Sensorless Motor Drive Platform for Appliance Based on iMOTION Chipset
IRMCS1071 IRF-IRMCS1071 Datasheet
464Kb / 11P
Sensorless Motor Drive Platform for Appliance Based on iMOTIONTM Chipset
logo
Linear Dimensions Semic...
LNDSP17 LINEAR_DIMENSIONS-LNDSP17 Datasheet
237Kb / 2P
Complete Physiological Monitoring System & Fusion Development Kit
logo
Maxim Integrated Produc...
MAX32620FTHR MAXIM-MAX32620FTHR Datasheet
2Mb / 11P
Rapid Development Platform
Rev 0; 11/17
logo
International Rectifier
IRMCS201 IRF-IRMCS201 Datasheet
159Kb / 1P
Single Axis Servo Drive Design Platform AcceleratorTM based System Manual
IRMCS203 IRF-IRMCS203 Datasheet
158Kb / 1P
Low cost complete sensorless drive design platform
logo
Infineon Technologies A...
EVAL-M1-36-45A INFINEON-EVAL-M1-36-45A Datasheet
967Kb / 30P
iMOTION Modular Application Design Kit
Revision 1.2 2018-09-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com