Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFX14N100 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFX14N100
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX14N100 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFX14N100 Datasheet HTML 1Page - IXYS Corporation IXFX14N100 Datasheet HTML 2Page - IXYS Corporation IXFX14N100 Datasheet HTML 3Page - IXYS Corporation IXFX14N100 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 - 4
© 2000 IXYS All rights reserved
IXFH14N100
IXFT14N100
IXFX15N100
IXFH15N100
IXFT15N100
IXFX14N100
V
GS - Volts
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10
12
14
T
C - Degrees C
-50 -25
0
25
50
75
100 125 150
0
4
8
12
16
20
T
J - Degrees C
25
50
75
100
125
150
1.0
1.2
1.4
1.6
1.8
2.0
2.2
I
D = 7.5A
I
D - Amperes
03
69
12
15
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
DS - Volts
0
4
8
12
16
20
0
4
8
12
16
V
DS - Volts
04
8
12
16
20
0
4
8
12
16
20
4V
V
GS = 10V
V
GS = 9V
8V
7V
6V
T
J = 125
OC
V
GS = 10V
T
J = 25
OC
5V
5V
4V
T
J = 25
oC
I
D = 15A
T
J = 25
OC
IXF_15N100
T
J = 125
oC
V
GS = 9V
8V
7V
6V
T
J = 125
OC
IXF_14N100
Fig.1 Output Characteristics
Fig.2
Output characteristics at elevated
temperature
Fig.3 R
DS(on) vs. Drain Current
Fig.4
Temperature Dependence of Drain
to Source Resistance
Fig.5 Drain Current vs. Case Temperature
Fig.6
Input admittance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com