Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFX14N100 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFX14N100
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX14N100 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFX14N100 Datasheet HTML 1Page - IXYS Corporation IXFX14N100 Datasheet HTML 2Page - IXYS Corporation IXFX14N100 Datasheet HTML 3Page - IXYS Corporation IXFX14N100 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
IXFH14N100
IXFT14N100
IXFX15N100
IXFH15N100
IXFT15N100
IXFX14N100
V
SD - Volts
0.40.6
0.81.0
1.21.4
1.6
0
8
16
24
32
40
Pulse Width - Seconds
10-3
10-2
10-1
100
101
0.01
0.1
1
V
DS - Volts
0
5
10
15
20
25
30
35
40
100
250
500
1000
2500
5000
Gate Charge - nC
0
40
80
120
160
200
240
280
0
2
4
6
8
10
12
Vds=300V
I
D=30A
I
G=10mA
Crss
Coss
Ciss
V
DS = 500V
I
D = 7.5A
I
G = 10mA
f = 1MHz
T
J = 125
OC
T
J = 25
OC
Single pulse
Fig.7 Gate Charge Characteristic Curve
Fig.8
Capacitance Curves
Fig.9 Source current vs Source drain voltage.
Fig.10 Transient Thermal Impedance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com