Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBTLE-1S Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPBTLE-1S
Description  Very low power application processor module for Bluetooth® Low Energy v4.2
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-1S Datasheet(HTML) 5 Page - STMicroelectronics

  SPBTLE-1S Datasheet HTML 1Page - STMicroelectronics SPBTLE-1S Datasheet HTML 2Page - STMicroelectronics SPBTLE-1S Datasheet HTML 3Page - STMicroelectronics SPBTLE-1S Datasheet HTML 4Page - STMicroelectronics SPBTLE-1S Datasheet HTML 5Page - STMicroelectronics SPBTLE-1S Datasheet HTML 6Page - STMicroelectronics SPBTLE-1S Datasheet HTML 7Page - STMicroelectronics SPBTLE-1S Datasheet HTML 8Page - STMicroelectronics SPBTLE-1S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SPBTLE-1S
General description
DocID030445 Rev 3
5/27
1
General description
The SPBTLE-1S is a Bluetooth Low Energy application processor module compliant with
Bluetooth® specifications v4.2 with embedded ceramic antenna.
The SPBTLE-1S module has been designed around the ST BlueNRG-1 SoC where its
Cortex-M0 core can execute both Bluetooth protocols and customer application. A
complete power-optimized Bluetooth stack library provides:
Master, slave, multiple roles support
GAP: central, peripheral, observer or broadcaster roles
Simultaneous advertising and scanning
capability of being slave of up to two masters simultaneously
ATT/GATT: client and server
SM: privacy, authentication and authorization
L2CAP
Link Layer: AES-128 encryption and decryption
The SPBTLE-1S has 160 KB embedded Flash and 24 KB embedded RAM memory.
In the module are available 32 MHz and 32 KHz crystal oscillators. It has been designed to
leverage the BlueNRG-1 integrated DC-DC step down converter in order to achieve best
power consumption in active mode.
It can be configured to support both application processor (host-less) and network
processor (hosted) modes.
Being based on the BlueNRG-1 SoC, the SPBTLE-1S module leverages all the tools and
documentation of its ecosystem: Development Kit, Application Notes, User Manuals,
Design Notes & Tips. A wide set of sample programs are also available in C source code.
The SPBTLE-1S module has a wide set of peripherals available for customer application (1
x UART interface, 1 x SPI interface, 2 x I2C interface, 14 GPIO, 2 x multifunction timer, 10-
bit ADC, Watchdog & RTC, DMA controller, PDM stream processor).
The SPBTLE-1S module enables wireless connectivity into electronic devices, not requiring
any RF experience or expertise for integration into the final product. The SPBTLE-1S
module provides a complete RF application platform in a tiny form factor (11.5 x 13.5 x 2.0
mm) and being a certified solution optimizes the time to market of the final applications.
The SPBTLE-1S module allows applications to meet the tight advisable peak current
requirements imposed with the use of standard coin cell batteries. Optimized results are
obtained with the embedded high-efficiency DC-DC step-down. SPBTLE-1S can be
powered directly with a standard 3 V coin cell battery as with a pair of AAA batteries or any
power source from 1.7 to 3.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com